Electronic Components Datasheet Search
  English  ▼

X  

TSM2328 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2328
Description  100V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2328 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2328 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2328 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2328 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2328 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2328 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM2328
100V N-Channel MOSFET
2/5
Version: B14
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
100
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 1.5A
RDS(ON)
--
--
250
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1.0
--
2.5
V
Zero Gate Voltage Drain Current
VDS = 80V, VGS = 0V
IDSS
--
--
1
µA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS = 5V, VGS = 10V
ID(ON)
6
--
--
A
Forward Transfer Conductance
VDS = 15V, ID = 1.5A
gfs
--
4
--
S
Diode Forward Voltage
IS = 1A, VGS = 0V
VSD
--
1.2
--
V
Dynamic
(Note 2)
Total Gate Charge
VDS = 80V, ID = 1.5A,
VGS = 5V
Qg
--
11.1
--
nC
Gate-Source Charge
Qgs
--
4.4
--
Gate-Drain Charge
Qgd
--
3
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
975
--
pF
Output Capacitance
Coss
--
38
--
Reverse Transfer Capacitance
Crss
--
27
--
Switching
(Note 3)
Turn-On Delay Time
VDD = 30V, ID = 1A,
VGEN = 10V, RL =30Ω,
RG =6Ω
td(on)
--
9
--
ns
Turn-On Rise Time
tr
--
9.4
--
Turn-Off Delay Time
td(off)
--
26.8
--
Turn-Off Fall Time
tf
--
2.6
--
Note:
1.
Limited by maximum junction temperature.
2.
Pulse test: pulse width ≤300µs, duty cycle ≤2%.
3.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com