Electronic Components Datasheet Search
  English  ▼

X  

TSM3443 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3443
Description  20V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3443 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM3443 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3443 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM3443
20V P-Channel MOSFET
5/6
Version: E14
SOT-26 Mechanical Drawing
Unit: Millimeters
Marking Diagram
43 = Device Code
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L = Lot Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com