Electronic Components Datasheet Search
  English  ▼

X  

TSM4806CSRLG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4806CSRLG
Description  20V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4806CSRLG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4806CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4806CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM4806
20V N-Channel MOSFET
1/6
Version: A14
SOP-8
Key Parameter Performance
Parameter
Value
Unit
VDS
20
V
RDS(on) (max)
VGS = 4.5V
20
mΩ
VGS = 2.5V
25
VGS = 1.8V
31
Qg
12.3
nC
Features
●
Advanced High Cell Density Trench Technology.
●
Low Gate Charge.
Block Diagram
Application
●
Networking DC-DC Power System.
●
Load Switch.
Ordering Information
Part No.
Package
Packing
TSM4806CS RLG
SOP-8
2.5kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Ratings (TA=25
oC, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
a
ID
28
A
Pulsed Drain Current
b
IDM
70
A
Continuous Source Current (Diode Conduction)
a,c
IS
28
A
Total Power Dissipation
TA=25
oC
PD
2
W
Storage Temperature Range
TSTG
-55 to +150
oC
Operating Junction Temperature Range
TJ
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance Junction to Lead
RӨJL
40
oC/W
Thermal Resistance Junction to Ambient
RӨJA
62.5
oC/W
Notes:
a. The data tested by surface mounted on a 1 inch
2 FR-4 board with 2oz copper.
b. The data tested by pulsed, pulse width ≤ 300µs, duty cycle ≤ 2% surface mounted on FR4 Board, t ≤ 5s.
c. The data is theoretically the same as ID and IDM, in real applications, should be limited by total power dissipation.
N-Channel MOSFET
Pin Definition:
1. Source
8. Drain
2. Source
7. Drain
3. Source
6. Drain
4. Gate
5. Drain


Similar Part No. - TSM4806CSRLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4800N15CX6 TSC-TSM4800N15CX6 Datasheet
362Kb / 6P
N-Channel Power MOSFET
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM480P06CHX0G TSC-TSM480P06CHX0G Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM480P06CIC0G TSC-TSM480P06CIC0G Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM480P06CPROG TSC-TSM480P06CPROG Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
More results

Similar Description - TSM4806CSRLG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
20V N-Channel MOSFET
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
20V N-Channel MOSFET
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com