Electronic Components Datasheet Search
  English  ▼

X  

TSM4944D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4944D
Description  30V Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4944D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4944D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4944D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4944D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4944D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM4944D
30V Dual N-Channel MOSFET
2/4
Version: A13
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
1.0
1.8
3.0
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 30V, VGS = 0V
IDSS
--
--
1.0
uA
On-State Drain Current
VDS ≥5V, VGS = 10V
ID(ON)
30
--
--
A
Drain-Source On-State Resistance
VGS = 10V, ID = 12.2A
RDS(ON)
--
11
13.2
mΩ
VGS = 4.5V, ID = 9.4A
--
19
25
Forward Transconductance
VDS = 15V, ID = 15A
gfs
--
32
--
S
Diode Forward Voltage
IS = 1.9A, VGS = 0V
VSD
--
0.85
1.3
V
Dynamic
b
Total Gate Charge
VDS = 15V, ID = 12.2A,
VGS = 10V
Qg
--
26
--
nC
Gate-Source Charge
Qgs
--
6
--
Gate-Drain Charge
Qgd
--
5
--
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Ciss
--
2134
--
pF
Output Capacitance
Coss
--
343
--
Reverse Transfer Capacitance
Crss
--
134
--
Switching
c
Turn-On Delay Time
VDD = 15V, RL = 15Ω,
ID = 1A, VGEN = 10V,
RG = 6Ω
td(on)
--
17
--
nS
Turn-On Rise Time
tr
--
3.5
--
Turn-Off Delay Time
td(off)
--
40
--
Turn-Off Fall Time
tf
--
6
--
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com