Electronic Components Datasheet Search
  English  ▼

X  

30R Datasheet(PDF) 2 Page - Littelfuse

Part # 30R
Description  Radial Leaded PTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R Datasheet(HTML) 2 Page - Littelfuse

  30R Datasheet HTML 1Page - Littelfuse 30R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radial Leaded PTC
30R Series
Resettable PTCs
253
www .littelfuse .com
6
Dimension ‘D’ is 7.62 (0.30") Minimum
Dimension ‘E’ is 3.05 (0.12") Maximum
MARKING
MARKING
A
A
EE
B
B
C
C
D
D
Note: Stand-offs only used for 30R090-30R250
500
100
10
1
0.1
0.05
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
Part
Ihold
Itrip
Vmax
Imax
Pd max.
Current
Time
RIL
RAT
Number
(A)
(A)
(Vdc)
(A)
(W)
(A)
(Sec)
(W)
(W)
30R090
0.90
1.80
30
40
0.6
4.50
5.9
0.070
0.22
30R110
1.10
2.20
30
40
0.7
5.50
6.6
0.050
0.17
30R135
1.35
2.70
30
40
0.8
6.75
7.3
0.040
0.13
30R160
1.60
3.20
30
40
0.9
8.00
8.0
0.030
0.11
30R185
1.85
3.70
30
40
1.0
9.25
8.7
0.030
0.09
30R250
2.50
5.00
30
40
1.2
12.5
10.3
0.020
0.07
30R300
3.00
6.00
30
40
2.0
15.0
10.8
0.020
0.08
30R400
4.00
8.00
30
40
2.5
20.0
12.7
0.010
0.05
30R500
5.00
10.00
30
40
3.0
25.0
14.5
0.010
0.05
30R600
6.00
12.00
30
40
3.5
30.0
16.0
0.005
0.04
30R700
7.00
14.00
30
40
3.8
35.0
17.5
0.005
0.03
30R800
8.00
16.00
30
40
4.0
40.0
18.8
0.005
0.02
30R900
9.00
18.00
30
40
4.2
40.0
20.0
0.005
0.02
Resistance
Ihold
=
Hold Current: maximum current device will sustain for 4 hours without tripping in 20°C still air.
Itrip
=
Trip Current: minimum current at which the device will trip in 20°C still air.
Vmax
=
Maximum voltage device can withstand without damage at rated current (Imax)
Imax
=
Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pd
=
Power dissipated from device when in the tripped state at 20°C still air.
RIL
=
Minimum resistance of device in initial (un-soldered) state.
RAT
=
Maximum resistance of device at 20°C measured one hour after tripping.
CAUTION: Operation beyond the specified ratings may result in damage and possible arcing and flame.
ORDERING INFORMATION:
Maximum Time
To Trip
Dimensions (Inches)
Average Time Current Curves
Part Number
‘A’ (Max.)
‘B’ (Max.)
‘C’ (Typ.)
30R090
6.60 (0.26)
12.19 (0.48)
5.08 (0.20)
30R110
6.60 (0.26)
14.22 (0.56)
5.08 (0.20)
30R135
8.89 (0.35)
13.46 (0.53)
5.08 (0.20)
30R160
8.89 (0.35)
15.42 (0.60)
5.08 (0.20)
30R185
10.16 (0.40)
15.75 (0.62)
5.08 (0.20)
30R250
11.43 (0.45)
18.29 (0.72)
5.08 (0.20)
30R300
11.43 (0.45)
7.27 (0.68)
5.08 (0.20)
30R400
13.97 (0.55)
20.07 (0.79)
5.08 (0.20)
30R500
13.97 (0.55)
24.89 (0.98)
10.16 (0.40)
30R600
16.51 (0.65)
24.89 (0.98)
10.16 (0.40)
30R700
19.05 (0.75)
26.67 (1.05)
10.16 (0.40)
30R800
21.59 (0.85)
29.21 (1.15)
10.16 (0.40)
30R900
24.13 (0.95)
29.72 (1.17)
10.16 (0.40)
Next
Previous



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com