Electronic Components Datasheet Search
  English  ▼

X  

TSM4953D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4953D
Description  30V Dual P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4953D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4953D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4953D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4953D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4953D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4953D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4953D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM4953D
30V Dual P-Channel MOSFET
1/6
Version: C12
SOP-8
PRODUCT SUMMARY
VDS (V)
RDS(on)(m
Ω)
ID (A)
-30
60 @ VGS = 10V
-4.9
90 @ VGS = 4.5V
-3.7
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Block Diagram
Application
●
Load Switch
●
PA Switch
Ordering Information
Part No.
Package
Packing
TSM4953DCS RL
SOP-8
2.5Kpcs / 13” Reel
TSM4953DCS RLG
SOP-8
2.5Kpcs / 13” Reel
Note: “G” denotes Halogen Free Product.
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS @4.5V.
ID
-4.9
A
Pulsed Drain Current, VGS @4.5V
IDM
-20
A
Continuous Source Current (Diode Conduction)
a,b
IS
-2.6
A
Maximum Power Dissipation
Ta = 25
oC
PD
2.5
W
Ta = 70
oC
1.3
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
40
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
62.5
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
Pin Definition:
1. Source 1
8. Drain 1
2. Gate 1
7. Drain 1
3. Source 2
6. Drain 2
4. Gate 2
5. Drain 2
Dual P-Channel MOSFET


Similar Part No. - TSM4953D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4953D TSC-TSM4953D Datasheet
359Kb / 6P
30V Dual P-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM4953DCS DOINGTER-TSM4953DCS Datasheet
1Mb / 5P
Dual P-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM4953DCSRF TSC-TSM4953DCSRF Datasheet
359Kb / 6P
30V Dual P-Channel MOSFET
TSM4953DCSRF TSC-TSM4953DCSRF Datasheet
248Kb / 6P
30V Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM4953DCSRL VBSEMI-TSM4953DCSRL Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TSM4953D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com