Electronic Components Datasheet Search
  English  ▼

X  

UPD78322 Datasheet(PDF) 8 Page - NEC

Part # UPD78322
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78322 Datasheet(HTML) 8 Page - NEC

Back Button UPD78322 Datasheet HTML 4Page - NEC UPD78322 Datasheet HTML 5Page - NEC UPD78322 Datasheet HTML 6Page - NEC UPD78322 Datasheet HTML 7Page - NEC UPD78322 Datasheet HTML 8Page - NEC UPD78322 Datasheet HTML 9Page - NEC UPD78322 Datasheet HTML 10Page - NEC UPD78322 Datasheet HTML 11Page - NEC UPD78322 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
µPD78320, 78322
8
DIFFERENCES BETWEEN
µPD78322 AND 78320
µPD78322
µPD78320
16K bytes
None
16 (dual-function as analog input: 8)
39
21
Specifiable as I/O as an 8-bit unit.
Functions as multiplexed address/data buses
Functions always as multiplexed address/data
(AD0 to AD7) in the external memory expansion
buses.
mode.
Specifiable as I/O bit-wise.
Functions as address bus (A8 to A15) in the
Functions always as address bus.
external memory expansion mode.
Specifiable as I/O bit-wise.
In the external memory expansion mode, P90
and P91 function as RD strobe signal output and
WR strobe signal output, respectively. In the
external memory high-speed fetch mode, P92
and P93 function as TAS output and TMD
output, respectively.
In the
µPD78322 emulation mode, turbo
access manager (
µPD71P301)Note PA and PB pins
are controlled as port 4 and port 5 emulation
pins.
Item
I/O line
Product Name
Always P90 and P91 function as RD strobe and
WR strobe signal output, respectively.
Port 4 I/O mode is set as an 8-bit unit .
Port 5 I/O mode is set bit-wise.
Internal ROM
Input
Input
/output
Port 4
(P40 to P47)
Port 5
(P50 to P57)
Port 9
(P90 to P93)
Memory expansion
mode register (MM)
Port 5 mode register
(PM5)
Note Maintenance product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com