Electronic Components Datasheet Search
  English  ▼

X  

600VOLTSAC Datasheet(PDF) 1 Page - Littelfuse

Part # 600VOLTSAC
Description  Cable Limiters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600VOLTSAC Datasheet(HTML) 1 Page - Littelfuse

  600VOLTSAC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
SPECIFICATIONS
Voltage Rating: 600 volts AC
Interrupting Rating: 200,000 Amperes
Cable Size Range: 4/0 – 750MCM Copper or Aluminum
Minimum Operating Temperature: 80°C
Cable limiters are fusible devices that provide very fast
short-circuit protection, primarily to faulted cables, but also
to other conductors such as busway. Cable limiters do not
have an ampere rating, and cannot be used to provide over-
load protection. Cable limiters are selected by cable size;
for example, a 500 kcmil cable requires a 500 kcmil cable
limiter. Their main use is to isolate faulted cables in circuits
containing three or more parallel conductors per phase.
They may be installed on the line side of the main service
to provide short-circuit protection to the service conductors.
This is especially important when service conductors are
tapped from large low-voltage networks or from large low
impedance transformers.
Cable limiters have terminals which permit them to be
installed in a variety of equipment. The most common
configuration is the offset blade on one end and the crimp
terminal on the other end. This permits the limiter to replace
a cable terminal (lug).
APPLICATIONS
Service entrance conductors
Between transformer or network bus and busway
terminal boxes
Large feeders with three or more conductors per phase
FEATURES
s
Current-limiting characteristics provide protection to
conductor insulation and reduce damage when faults occur.
s
Properly applied cable limiters may permit the use of
equipment with reduced withstand ratings
s
Wide variety of terminations and cable ratings permit use
in almost every situation.
Cable Limiters
600 Volts AC
ORDERING INFORMATION
LFCL
1
-
C
-
500
-
DESCRIPTION
CATALOG NUMBER
Type Termination Cable Size
Cable Type
COPPER
ALUMINUM
4/0
LFCL4/0C1
LFCL4/0A1
250MCM
LFCL250C1 LFCL250A1
1
350MCM
LFCL350C1 LFCL350A1
Cable to
500MCM
LFCL500C1 LFCL500A1
Cable
750MCM
LFCL750C1 LFCL750A1
4/0
LFCL4/0C3
LFCL4/0A3
250MCM
LFCL250C3 LFCL250A3
3
350MCM
LFCL350C3 LFCL350A3
Cable to
500MCM
LFCL500C3 LFCL500A3
Offset Bus
750MCM
LFCL750C3 LFCL750A3
4/0
LFCL4/0C5
250MCM
LFCL250C5
5
Straight Bus
350MCM
LFCL350C5
to
500MCM
LFCL500C5
Offset Bus
750MCM
LFCL750C5
4/0
LFCL4/0C6
LFCL4/0A6
250MCM
LFCL250C6 LFCL250A6
6
350MCM
LFCL350C6 LFCL350A6
Mole to
500MCM
LFCL500C6 LFCL500A6
Cable
750MCM
LFCL750C6 LFCL750A6
4/0
LFCL4/0C8
250MCM
LFCL250C8
8
350MCM
LFCL350C8
Mole to
500MCM
LFCL500C8
Offset Bus
750MCM
LFCL750C8
Contact factory for shrink tubing availability.


Similar Part No. - 600VOLTSAC

ManufacturerPart #DatasheetDescription
logo
HUAAN LIMITED
600V HUAAN-600V Datasheet
159Kb / 1P
600V Series
logo
Shanghai Yint Electroni...
600V-110 YINT-600V-110 Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
600V-150 YINT-600V-150 Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
600V-160 YINT-600V-160 Datasheet
350Kb / 2P
Polymer PTC Resettable 600V Series
More results

Similar Description - 600VOLTSAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
Cable Limiters - 600 Volts AC
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
Coaxial Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
Coaxial Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
RF BOADBAND LIMITERS
logo
Skyworks Solutions Inc.
CLA4610-085LF SKYWORKS-CLA4610-085LF Datasheet
594Kb / 8P
Low-loss, high-power limiters
logo
Cooper Bussmann, Inc.
UHJ-M COOPER-UHJ-M Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
Current pulse limiters
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
LFCL CABLE LIMITERS
Rev: 101017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com