Electronic Components Datasheet Search
  English  ▼

X  

2MDX04014 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 2MDX04014
Description  Blank ceramics (not metallized)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MDX04014 Datasheet(HTML) 1 Page - RMT Ltd.

  2MDX04014 Datasheet HTML 1Page - RMT Ltd. 2MDX04014 Datasheet HTML 2Page - RMT Ltd. 2MDX04014 Datasheet HTML 3Page - RMT Ltd. 2MDX04014 Datasheet HTML 4Page - RMT Ltd. 2MDX04014 Datasheet HTML 5Page - RMT Ltd. 2MDX04014 Datasheet HTML 6Page - RMT Ltd. 2MDX04014 Datasheet HTML 7Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
46 Warshavskoe shosse. Moscow 115230  Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru
Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 7
Manufacturing options
Performance Parameters
Dimensions
2MDX04-014-XX
Performance data are given for 300K, vacuum
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-xx (N=14)
2MDX04-014-0510
96
0.47
1.1
1.2
0.88
2.4
2MDX04-014-0816
97
0.30
0.8
1.2
1.40
3.3
A. TEC Assembly:
A. TEC Assembly:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
C. Ceramics Surface Options:
D. Thermistor (optional)
D. Thermistor (optional)
* 1. Solder SnSb (Tmelt=230°C)
1. Blank ceramics (not metallized)
1. Blank ceramics (not metallized)
Can be mounted to cold side
2. Solder AuSn (Tmelt=280°C)
2. Metallized (Au plating)
2. Metallized (Au plating)
ceramics edge. Calibration is
3. Metallized and pre-tinned with:
3. Metallized and pre-tinned with:
available by request.
B. Ceramics:
B. Ceramics:
3.1 Solder 117 (In-Sn, Tmelt =117°C)
E. Terminal contacts
E. Terminal contacts
* 1.Pure Al2O3(100%)
3.2 Solder 138 (Sn-Bi, Tmelt = 138°C)
1. Blank, tinned Copper
2.Alumina (Al2O3- 96%)
3.3 Solder 143 (In-Ag, Tmelt = 143°C)
2. Insulated Wires
3.Aluminum Nitride (AlN)
3.4 Solder 157 (In, Tmelt = 157°C)
3. Insulated, color coded
* - used by default
* - used by default
3.5 Solder 183 (Pb-Sn, Tmelt =183°C)
3.6 Optional (specified by Customer)
Thermoelectric Cooling Solutions


Similar Part No. - 2MDX04014

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MDX04022 RMT-2MDX04022 Datasheet
1Mb / 7P
Metallized (Au plating)
2MDX04042 RMT-2MDX04042 Datasheet
1Mb / 7P
Blank ceramics (not metallized)
2MDX04066 RMT-2MDX04066 Datasheet
1Mb / 7P
Blank ceramics (not metallized)
More results

Similar Description - 2MDX04014

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MDL06031_T RMT-1MDL06031_T Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MDL06035AN05 RMT-1MDL06035AN05 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MDL06042AN05 RMT-1MDL06042AN05 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MDL06052_T RMT-1MDL06052_T Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MDL06068AN05 RMT-1MDL06068AN05 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MC04025 RMT-1MC04025 Datasheet
3Mb / 9P
Blank ceramics (not metallized)
1MC04096 RMT-1MC04096 Datasheet
2Mb / 9P
Blank ceramics (not metallized)
1MC04105 RMT-1MC04105 Datasheet
2Mb / 9P
Blank ceramics (not metallized)
1MC06018 RMT-1MC06018_3 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
1MC06024 RMT-1MC06024_2 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com