Electronic Components Datasheet Search
  English  ▼

X  

KLPC Datasheet(PDF) 1 Page - Littelfuse

Part # KLPC
Description  KLPC Series POWR-PRO Class L Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLPC Datasheet(HTML) 1 Page - Littelfuse

  KLPC Datasheet HTML 1Page - Littelfuse KLPC Datasheet HTML 2Page - Littelfuse KLPC Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7
KLPC Series POWR-PRO® Class L Fuses
600 VAC s Time-Delay s 200 – 6000 Amperes
SPECIFICATIONS
Voltage Ratings:
AC: 600 Volts
DC: 480 Volts
Interrupting Ratings: AC: 200,000 amperes rms symmetrical
300,000 amperes rms symmetrical
(Littelfuse self-certified).
DC: 20,000 amperes
Ampere Range: 200 – 6000 amperes
Approvals: AC: Standard 248-10, Class L
UL Listed 601 – 6000 amps
(File No: E81895)
UL Recognized 200 – 600 amps
(File No: E71611)
CSA Certified 200 – 6000 amps
(File No: LR29862)
QPL Federal Specifications WF-1814
700 – 6000 amps
DC: Littelfuse self-certified
AMPERE RATINGS
200
500
800
1350
2000
3500
250
600
900
1400
2100
4000
300
601
1000
1500
2200
4500
350
650
1100
1600
2300
5000
400
700
1200
1800
2500
6000
450
750
1300
1900
3000
Example part number (series & amperage): KLPC 1000
KLPC series POWR-PRO® fuses provide ideal overcurrent
protection for circuits from 200 through 6000 amperes. KLPC
series POWR-PRO® fuses specification-grade construction
and performance meet or exceed the most stringent project
specifications: 99.9% pure silver links, silver-plated copper
end bells, glass-reinforced melamine bodies, O-ring seals
between body and end bells, and granular quartz fillers.
KLPC series POWR-PRO® fuses are the only UL listed Class
L fuses that provide a minimum of ten seconds time delay at
500% rated current and are also as current limiting as the
fastest Class L fuse on the market. On average, the peak let-
through currents of KLPC series fuses are 10% less than any
other “time-delay” Class L fuse.
APPLICATIONS
Service switches
Switchboard mains and feeders
Bolted pressure contact switches
Motor control center mains
Large motor branch circuits
UL Listed series-rated protection for molded case circuit
breaker panelboards and loadcenters. (See panelboard
manufacturers’ literature for recommended fuse rating.)
Primary and secondary protection for transformers
Protection of power circuit breakers
FEATURES AND BENEFITS
s
Eliminate unnecessary downtime — KLPC POWR-
PRO® series fuses’ time delay withstands system surges
and keeps your circuits in service.
s
Best protection for system components — Maximum
current limitation means less equipment and system
damage when short circuits occur. Reduced damage
means that electrical service can be restored quickly,
reducing costly downtime, and often permitting equipment
repair rather than replacement.
s
Coordinates with other system components — KLPC
series fuses provide maximum coordination with fuses and
circuit breakers both on the line and load side of the fuses.
See the Fuseology section of this catalog for additional
information.
s
Eliminate need to oversize fuses — This may permit the
use of smaller less expensive switches, and, since the
lower rated fuses are more current limiting, equipment
receives even better protection.
s
300kA Interrupting Rating — Littelfuse self-certified to
300,000 amperes as standard. Meets future trend towards
higher available short circuit currents.


Similar Part No. - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
460Kb / 2P
600 VAC
KLPC800 LITTELFUSE-KLPC800 Datasheet
460Kb / 2P
600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
460Kb / 2P
600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
KLPC LITTELFUSE-KLPC_12 Datasheet
460Kb / 2P
600 VAC
More results

Similar Description - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
CCMR Series POWR-PRO CC Fuses
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
LLNRK/LLSRK Series POWR-PRO Class RK1
LGD0-30A LITTELFUSE-LGD0-30A Datasheet
484Kb / 1P
LgD Series Global Pro-tection Fuses
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
LDC LITTELFUSE-LDC Datasheet
476Kb / 2P
CLASS L-LDC SERIES FUSES
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
Littelfuse
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
JTD LITTELFUSE-JTD_V01 Datasheet
441Kb / 3P
JTD SERIES INDICATOR짰 POWR-PRO짰 FUSES
Rev: 1-B-112320
KLPC LITTELFUSE-KLPC_V01 Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com