Electronic Components Datasheet Search
  English  ▼

X  

MHS Datasheet(PDF) 2 Page - Littelfuse

Part # MHS
Description  Multilayer High Speed Transient Voltage Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MHS Datasheet(HTML) 2 Page - Littelfuse

  MHS Datasheet HTML 1Page - Littelfuse MHS Datasheet HTML 2Page - Littelfuse MHS Datasheet HTML 3Page - Littelfuse MHS Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Multilayer High Speed Transient Voltage Surge Suppressor
MHS Varistor Series
Surface Mount Varistors
2
Device Ratings and Specifications
Temperature De-rating
For applications exceeding 125oC ambient temperature, the peak surge
current and energy ratings must be reduced as shown in Figure 1.
PART
NUMBER
MAX RATINGS
(125
°C)
PERFORMANCE SPECIFICATIONS (25
°C)
MAXIMUM
ESD CLAMP
VOLTAGE
(NOTE 1)
WTM
Clamp
(Note 2)
8kV
CONTACT
NOTES:
1.
2.
Tested to IEC-61000-4-2 Human Body Model (HBM) discharge test circuit.
3.
Direct discharge to device terminals (IEC preferred test method).
4.
Corona discharge through air (represents actual ESD event).
Capacitance may be customized, contact your Littelfuse Sales Representative.
3.5V
V0402MHS12
0.025
125
160
0.1
V0402MHS03
0.010
300
400
0.1
MAXIMUM NON-
REPETITIVE
SURGE ENERGY
(10/1000
µS)
Clamp
(Note 3)
15kV
AIR
MAXIMUM LEAKAGE CURRENT AT
SPECIFIED DC VOLTAGE
5.5V
9V
15V
IL
(J)
(V)
(V)
(
µA)
(
µA)
(
µA)
(
µA)
TYPICAL
CAPACITANCE
AT 1MHz
(1V p-p)
(NOTE 4)
C
(pF)
TYPICAL
INDUCTANCE
(from Impedance
Analysis)
L
(nH)
0.15
0.15
1.00
0.25
5.00
0.50
12
3
<1.0
<1.0
MAXIMUM
CLAMPING
VOLTAGE
AT 1A (8X20
µs)
(Vc)
55
110
P
IL
IL
V0603MHS12
0.025
125
160
0.1
V0603MHS03
0.010
300
400
0.1
0.15
0.15
1.00
0.25
5.00
0.50
12
3
<1.0
<1.0
55
110
100
80
60
40
20
0
-55
50
60
70
80
90
100
110 120
130 140 150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. PEAK CURRENT AND ENERGY DERATING CURVE
FIGURE 3. NOMINAL VOLTAGE STABILITY TO MULTIPLE
ESD IMPULSES (8KV CONTACT DISCHARGES
PER IEC 61000-4-2)
60
10
1
CURRENT (A)
10
100
1000
10000
20
30
40
50
V0402MHS03
V0402MHS12
V0603MHS03
V0603MHS12
0.0001
0.001
CURRENT (mA)
0
0.01
0.1
1
5
10
20
25
30
15
25
85
125
o
o
o
FIGURE 2: STANDBY CURRENT AT NORMALIZED VARISTOR
VOLTAGE AND TEMPERATURE
FIGURE 4. INSERTION LOSS (S21) CHARACTERISTICS
-30
FREQUENCY (MHz)
10
100
1000
10000
-20
-10
0
V0402MHS12
V0402MHS03
V0603MHS12
V0603MHS03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com