Electronic Components Datasheet Search
  English  ▼

X  

CPR4F-040 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPR4F-040
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPR4F-040 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPR4F-040 Datasheet HTML 1Page - Central Semiconductor Corp CPR4F-040 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CPR4F-010 thru
CPR4F-060 are silicon rectifiers manufactured in a
hermetically sealed, glass passivated package
designed for use in all types of commercial,
industrial, entertainment and automotive applications
where fast switching speeds are required.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CPR4F
SYMBOL
-010
-020
-040
-060
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
V
DC Blocking Voltage
VR
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
V
Average Forward Current, TA=50°C
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
100
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJA
55
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted))
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=100°C
100
μA
VF
IF=3.0A
1.3
V
CJ
VR=4.0V, f=1.0MHz
50
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A
250
ns
CPR4F-010
CPR4F-040
CPR4F-020
CPR4F-060
GLASS PASSIVATED
FAST RECOVERY RECTIFIER
3A, 100 THRU 600 VOLTS
GPR-4AM CASE
Central
Semiconductor Corp.
TM
R0 (30-April 2008)
MARKING: FULL PART NUMBER


Similar Part No. - CPR4F-040

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPR4F-040 CENTRAL-CPR4F-040 Datasheet
77Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER 3A, 100 THRU 600 VOLTS
More results

Similar Description - CPR4F-040

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com