Electronic Components Datasheet Search
  English  ▼

X  

AZ830P Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ830P
Description  POLARIZED DIP RELAY BISTABLE (LATCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ830P Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ830P Datasheet HTML 1Page - ZETTLER Electronics AZ830P Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-04-08
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ830P
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
Nominal
Max.
Coil
Set
Coil
Continuous
Resistance
Reset
ORDER NUMBER*
VDC
VDC
± 10%
VDC
57.5
69.4
3.5
AZ830P2–2C–5DE
69.0
100
4.2
AZ830P2–2C–6DE
913.5
225
6.3
AZ830P2–2C–9DE
12
18.0
400
8.4
AZ830P2–2C–12DE
24
36.0
1,600
16.8
AZ830P2–2C–24DE
48
72.0
6,400
33.6
AZ830P2–2C–48DE
SENSITIVE RELAYS
511.0
139
3.5
AZ830P2–2C–5DSE
613.0
200
4.2
AZ830P2–2C–6DSE
919.5
450
6.3
AZ830P2–2C–9DSE
12
26.0
800
8.4
AZ830P2–2C–12DSE
24
53.0
3,200
16.8
AZ830P2–2C–24DSE
48
106.0
12,800
33.6
AZ830P2–2C–48DSE
*  Add suffix “A” for silver palladium gold clad contacts.
MECHANICAL DATA




1
16
4
13
6
11
8
9
+
–
2
15
+
–


  








.044
(1.1) REF
.044
(1.1) REF
0.1
(2.54)
0.03 DIA
(0.8)
(10 HOLES)
.788
(20.0)
.390
(9.9)
.012 ± .005
(0.3 ± 0.13)
TYP
.366
(9.3)
.386
(9.8)
.138
(3.5)
.044
(1.1)
.100
(2.54)
.200
(5.07)
.200
(5.07)
.200
(5.07)
(.024 ± .005)
(0.6 ± 0.13)
TYP


Coil Temperature Rise







































Maximum Switching Capacity

.2
.3
.4
.5
.6
.7
.8
.9

2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0




Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
30.06.2012
Recommended replacement:
AZ832P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com