Electronic Components Datasheet Search
  English  ▼

X  

LF2247 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LF2247
Description  Image Filter with Coefficient RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2247 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LF2247 Datasheet HTML 1Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 2Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 3Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 4Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 5Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 6Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2247 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DEVICES INCORPORATED
Video Imaging Products
1
LF2247
Image Filter with Coefficient RAM
1
2
3
4
5
6
7
8
9
10
11
08/16/2000–LDS.2247-H
u
u
u
u
u 66 MHz Data Input and Compu-
tation Rate
u
u
u
u
u Four 11 x 10-bit Multipliers with
Individual Data and Coefficient
Inputs and a 25-bit Accumulator
u
u
u
u
u Four 32 x 11-bit Serially Loadable
Coefficient Registers
u
u
u
u
u Fractional or Integer Two’s
Complement Operands
u
u
u
u
u Package Styles Available:
• 84-pin PLCC, J-Lead
• 100-pin PQFP
FEATURES
DESCRIPTION
LF2247
Image Filter with Coefficient RAM
DEVICES INCORPORATED
The LF2247 consists of an array of four
11 x 10-bit registered multipliers
followed by a summer and a 25-bit
accumulator. The LF2247 provides a
coefficient register file containing four
32 x 11-bit registers which are capable
of storing 32 different sets of filter
coefficients for the multiplier array.
All multiplier data inputs are user
accessible and can be updated every
clock cycle with either fractional or
integer two’s complement data. The
pipelined architecture has fully
registered input and output ports and
an asynchronous three-state output
enable control to simplify the design
of complex systems. The pipeline
latency for all inputs is five clock
cycles.
A 25-bit accumulator path allows
cumulative word growth which may
be internally rounded to 16 bits.
Output data is updated every clock
cycle and may be held under user
control. The data inputs/outputs and
control inputs are registered on the
rising edge of CLK. The Serial Data In
signal, SDIN, is registered on the
LF2247 BLOCK DIAGRAM
D19-0
10
11
ENB1
D29-0
10
11
ENB2
22
D39-0
10
11
ENB3
D49-0
10
11
ENB4
22
MS
LS
S15-0
ACC
FSEL
OEN
CLK
TO ALL REGISTERS
(EXCEPT COEFFICIENT REGISTERS)
25
OCEN
Coefficient
Register 1
(32 x 11-bit)
Coefficient
Register 2
(32 x 11-bit)
Coefficient
Register 3
(32 x 11-bit)
Coefficient
Register 4
(32 x 11-bit)
A4-0
SEN
SDIN
SCLK
SCLK
5
ENBA
16
COEFFICIENT REGISTER FILE
SEN
SCLK
SEN
SCLK
SEN


Similar Part No. - LF2247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF224 ETC-LF224 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
LOGIC Devices Incorpora...
LF2242 LODEV-LF2242 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC25 LODEV-LF2242JC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242JC33 LODEV-LF2242JC33 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
LF2242QC25 LODEV-LF2242QC25 Datasheet
136Kb / 8P
12/16-bit Half-Band Interpolating/ Decimating Digital Filter
More results

Similar Description - LF2247

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
2D Digital Image Filter
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
3 x 3 Image Filter
1999 05
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
Vertical Digital Image Filter
LF3347 LODEV-LF3347 Datasheet
80Kb / 10P
High-Speed Image Filter with Coefficient RAM
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
CMOS Image Sensor with Image Signal Processing
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
3 x 3 Image Filter
July 2004
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
3 x 3 Image Filter
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com