Electronic Components Datasheet Search
  English  ▼

X  

LF2301 Datasheet(PDF) 14 Page - LOGIC Devices Incorporated

Part # LF2301
Description  Image Resampling Sequencer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2301 Datasheet(HTML) 14 Page - LOGIC Devices Incorporated

Back Button LF2301 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 13Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 14Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 15Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 16Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 17Page - LOGIC Devices Incorporated LF2301 Datasheet HTML 18Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DEVICES INCORPORATED
LF2301
Image Resampling Sequencer
2-14
08/16/2000–LDS.2301-H
Video Imaging Products
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
1234567890123456
LF2301–
66*
55
25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
66
55
25
tPW
Clock Pulse Width
30
25
10
tS
Input Setup Time
20
18
10
tH
Input Hold Time
2
2
0
tHI
Input Hold Time, INTER
10
10
5
tD
Output Delay
35
27
18
tDE
Output Delay, END
45
37
18
tENA
Three-State Output Enable Delay (Note 11)
35
27
15
tDIS
Three-State Output Disable Delay (Note 11)
20
18
15
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
MILITARY OPERATING RANGE (-55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE
LF2301–
66*
55*
30*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
66
55
30
tPW
Clock Pulse Width
30
25
10
tS
Input Setup Time
20
18
12
tH
Input Hold Time
2
2
0
tHI
Input Hold Time, INTER
10
10
6
tD
Output Delay
35
27
20
tDE
Output Delay, END
45
37
20
tENA
Three-State Output Enable Delay (Note 11)
35
27
18
tDIS
Three-State Output Disable Delay (Note 11)
20
18
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com