Electronic Components Datasheet Search
  English  ▼

X  

NRS6040 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NRS6040
Description  Three phase rectifier stack (with press-fit diodes), 600A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NRS6040 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NRS6040 Datasheet HTML 1Page - Naina Semiconductor ltd. NRS6040 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NRS6040
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Three phase rectifier stack (with press-fit diodes), 600A
Features
•
Compact design
•
Low cost
•
High efficiency
•
Forced cooling
Applications
•
Power supplies
•
Welding machines
•
Battery chargers
General Specifications (TC = 250C, unless otherwise specified)
Parameters
Synbol
Values
Units
Nominal output voltage @125 VAC input
VDC
165
V
Maximum nominal output current @ TC = 40
0C
IDC
600
A
Cooling (forced air, fan not included)
VAIR
6
m/s
Number of plates (with M.O.V)
6 plates, 300x100
mm
Number of diodes
n
72
Pcs.
Thermal and Mechanical Specifications (TC = 250C, unless otherwise specified)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to +175
0C
Maximum storage temperature range
TStg
- 40 to +175
0C
Approximate weight
W
2.5
kg
Semiconductor Specifications (TC = 250C, unless otherwise specified)
Parameters
Symbol
Values
Units
Repetitive reverse voltage
VRRM
400
V
Average forward current @ TC = 130
0C
IF(AV)
25
A
Max. reverse current
IR
10
mA
Forward surge current @ TJmax
IFSM
375
A
On-state maximum voltage @ TJ = 25
0C,
VFM
1.1
V


Similar Part No. - NRS6040

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS6045 TAIYO-YUDEN-NRS6045 Datasheet
913Kb / 22P
Please read this notice before using the TAIYO YUDEN products
NRS6045 TAIYO-YUDEN-NRS6045 Datasheet
811Kb / 22P
Please read this notice before using the TAIYO YUDEN products.
NRS6045T100MMGK TAIYO-YUDEN-NRS6045T100MMGK Datasheet
148Kb / 1P
SMD Power Inductors
NRS6045T100MMGK TAIYO-YUDEN-NRS6045T100MMGK Datasheet
294Kb / 3P
SMD Power Inductors (NR series S type)
NRS6045T100MMGK TAIYO-YUDEN-NRS6045T100MMGK Datasheet
371Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results

Similar Description - NRS6040

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NRQ108 NAINA-NRQ108 Datasheet
210Kb / 2P
Single phase rectifier stack (with press-fit diodes), 108 Amps
NRS4040 NAINA-NRS4040 Datasheet
345Kb / 2P
Three phase rectifier stack (with press-fit diodes), 400A
NRS7040 NAINA-NRS7040 Datasheet
154Kb / 2P
Three phase rectifier stack (with press-fit diodes), 700A
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP35A05 DIOTEC-BYP35A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP60A05 DIOTEC-BYP60A05_17 Datasheet
155Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW25A1 DIOTEC-KYW25A1 Datasheet
149Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW35A1 DIOTEC-KYW35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ25A1 DIOTEC-KYZ25A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ35A1 DIOTEC-KYZ35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com