Electronic Components Datasheet Search
  English  ▼

X  

LMU16 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMU16
Description  16 x 16-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU16 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMU16 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU16 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DEVICES INCORPORATED
LMU16/216
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.16/216-N
4
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
12345678901234567890123456789012123456
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
123456789012345678901234567890121234567890123456789012345
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS
HIGH IMPEDANCE
INPUT
tENA
tDIS
tD
tMC
tH
tS
CLK L
CLK M
OEL
OEM
R31-0
tMUC
tSEL
MSPSEL
CLK A
CLK B
tPW
tPW
LMU16/216–
75*
65*
55*
40*
30*
25*
Symbol
Parameter
Min Max Min Max Min Max Min Max Min Max Min Max
tMC
Clocked Multiply Time
75
65
55
40
30
25
tMUC
Unclocked Multiply Time
95
85
75
60
43
38
tPW
Clock Pulse Width
20
15
15
15
10
10
tS
Input Setup Time
15
15
15
15
12
12
tH
Input Hold Time
2
2
2
2
2
2
tD
Output Delay
35
30
30
25
20
20
tSEL
Output Select Delay
30
30
30
25
20
20
tENA
Three-State Output Enable Delay (Note 11)
25
25
25
25
20
20
tDIS
Three-State Output Disable Delay (Note 11)
25
25
25
25
22
22
LMU16/216–
65*
55*
45*
35*
25
20
Symbol
Parameter
Min Max Min Max Min Max Min Max Min Max Min Max
tMC
Clocked Multiply Time
65
55
45
35
25
20
tMUC
Unclocked Multiply Time
85
75
65
55
38
30
tPW
Clock Pulse Width
15
15
15
10
10
9
tS
Input Setup Time
15
15
15
12
12
11
tH
Input Hold Time
1
1
1
1
1
1
tD
Output Delay
30
30
30
25
20
18
tSEL
Output Select Delay
25
25
25
25
20
18
tENA
Three-State Output Enable Delay (Note 11)
25
25
25
25
20
18
tDIS
Three-State Output Disable Delay (Note 11)
25
25
25
22
20
18
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com