Electronic Components Datasheet Search
  English  ▼

X  

LMU217 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LMU217
Description  16 x 16-bit Parallel multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU217 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LMU217 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU217 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEVICES INCORPORATED
LMU217
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.217-H
2
FIGURE 1B.OUTPUT FORMATS
FIGURE 1A.INPUT FORMATS
15 14 13
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
Fractional Two’s Complement (TCA, TCB = 1)
15 14 13
2
1
0
–2
15
(Sign)
2
14 213
2
2
2
1
2
0
15 14 13
2
1
0
–2
15
(Sign)
2
14 213
2
2
2
1
2
0
Integer Two’s Complement (TCA, TCB = 1)
15 14 13
2
1
0
2
–1 2–2 2–3
2
–14 2–15 2–16
15 14 13
2
1
0
2
–1 2–2 2–3
2
–14 2–15 2–16
Unsigned Fractional (TCA, TCB = 0)
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Unsigned Integer (TCA, TCB = 0)
AIN
BIN
MSP
LSP
31 30 29
18 17 16
–2
0
(Sign)
2
–1 2–2
2
–13 2–14 2–15
15 14 13
2
1
0
–2
0
(Sign)
2
–16 2–17
2
–28 2–29 2–30
Fractional Two’s Complement (RS = 0)
31 30 29
18 17 16
–2
31
(Sign)
2
30 229
2
18 217 216
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Integer Two’s Complement (RS = 1)
31 30 29
18 17 16
2
–1 2–2 2–3
2
–14 2–15 2–16
15 14 13
2
1
0
2
–17 2–18 2–19
2
–30 2–31 2–32
Unsigned Fractional (RS = 1)
31 30 29
18 17 16
2
31 230 229
2
18 217 216
15 14 13
2
1
0
2
15 214 213
2
2
2
1
2
0
Unsigned Integer (RS = 1)
31 30 29
18 17 16
–2
1
(Sign)
2
0
2
–1
2
–12 2–13 2–14
15 14 13
2
1
0
2
–15 2–16 2–17
2
–28 2–29 2–30
Fractional Two’s Complement (RS = 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com