Electronic Components Datasheet Search
  English  ▼

X  

LMU18JC35 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LMU18JC35
Description  16 x 16-bit Parallel Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU18JC35 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

  LMU18JC35 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 6Page - LOGIC Devices Incorporated LMU18JC35 Datasheet HTML 7Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DEVICES INCORPORATED
LMU18
16 x 16-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.18-O
6
84-pin
ORDERING INFORMATION
0°C to +70°C — COMMERCIAL SCREENING
Speed
45 ns
35 ns
Plastic J-Lead Chip Carrier
(J3)
LMU18JC45
LMU18JC35
1
2
3
4
5
6
7
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
84 83 82 81 80 79
44
43
45 46 47
49
38
37
39 40 41 42
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
48
Top
View
8
9
10
11
78 77 76 75
36
35
34
33
50 51 52 53
B10
B11
B12
B13
B14
B15
ENB
CLK
OEL
GND
VCC
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
A11
A12
A13
A14
A15
ENA
RND
TCA
TCB
VCC
GND
GND
MSPSEL
FT
RS
OEM
ENR
R31
R31
R30
R29



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com