Electronic Components Datasheet Search
  English  ▼

X  

LPR520 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # LPR520
Description  4 x 16-bit Multilevel Pipeline Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LPR520 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  LPR520 Datasheet HTML 1Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 2Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 3Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 4Page - LOGIC Devices Incorporated LPR520 Datasheet HTML 5Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DEVICES INCORPORATED
LPR520
4 x 16-bit Multilevel Pipeline Register
Pipeline Registers
08/02/2000–LDS.P520-C
1
u
u
u
u
u Four 16-bit Registers
u
u
u
u
u Implements Double 2-Stage
Pipeline or Single 4-Stage Pipeline
Register
u
u
u
u
u Hold, Shift, and Load Instructions
u
u
u
u
u Separate Data In and Data Out Pins
u
u
u
u
u High-Speed, Low Power CMOS
Technology
u
u
u
u
u Three-State Outputs
u
u
u
u
u 44-pin PLCC, J-Lead
FEATURES
DESCRIPTION
LPR520
4 x 16-bit Multilevel Pipeline Register
DEVICES INCORPORATED
The LPR520 is functionally compat-
ible with the L29C520 but have 16-bit
inputs and outputs. The LPR520 is
implemented in low power CMOS.
The LPR520 contains four registers
which can be configured as two
independent, 2-level pipelines or as
one 4-level pipeline.
The Instruction pins, I1-0, control the
loading of the registers. The registers
may be configured as a four-stage
delay line, with data loaded into R1
and shifted sequentially through R2,
R3, and R4. Also, data may be loaded
from the inputs into either R1 or R3
with only R2 or R4 shifting. Finally,
I1-0 may be set to prevent any register
from changing.
The S1-0 select lines control a 4-to-1
multiplexer which routes the contents
of any of the registers to the Y output
pins. The independence of the I and S
controls allows simultaneous write
and read operations on different
registers.
S1 S0
Register Selected
L
L
Register 4
L
H
Register 3
H
L
Register 2
H
H
Register 1
TABLE 2.
OUTPUT SELECT
I1
I0
Description
LL
D©R1
R1©R2
R2©R3
R3©R4
L
H
HOLD
HOLD
D©R3
R3©R4
HL
D©R1
R1©R2
HOLD
HOLD
H
H
ALL REGISTERS ON HOLD
TABLE 1.
LPR520 INSTRUCTION TABLE
LPR520 BLOCK DIAGRAM
REG 1
REG 2
REG 3
REG 4
D15-0
16
16
OE
Y15-0
S1-0
I1-0
CLK
2
2


Similar Part No. - LPR520

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPR501 MIC-LPR501 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
LPR502 MIC-LPR502 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
LPR503 MIC-LPR503 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
logo
STMicroelectronics
LPR503AL STMICROELECTRONICS-LPR503AL Datasheet
224Kb / 12P
MEMS motion sensor: dual axis pitch and roll ±30°/s analog gyroscope
06-Jul-2009
LPR503AL STMICROELECTRONICS-LPR503AL Datasheet
165Kb / 1P
STMICROELECTRONICS Analog ICs
More results

Similar Description - LPR520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H145 ONSEMI-MC10H145 Datasheet
104Kb / 5P
16 x 4 Bit Register File(RAM)
REV 5
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
4-bit x 16-word FIFO register
1998 Jan 23
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
MULTILEVEL PIPELINE REGISTER
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
Multilevel Pipeline Registers
May 1999
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
4 x 8-bit Multilevel Pipeline Register
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com