Electronic Components Datasheet Search
  English  ▼

X  

LED770-03AU Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED770-03AU
Description  Infrared LED Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED770-03AU Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED770-03AU Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.08.2010
LED770_03AU.doc
1 of 1
LED770-03AU
Infrared LED Lamp
LED770-03AU is an AlGaAs LED mounted on a lead frame with a clear epoxy lens.
On forward bias, it emits a spectral band of radiation which peaks at 770 nm.
Specifications
Outer dimension (Unit: mm)
1) Product Name
Infrared LED Lamp
2) Type No.
LED770-03AU
3) Chip
(1) Chip Material
AlGaAs
(2) Peak Wavelength 770 nm typ.
4) Package
(1) Type
5 mm clear molding
(2) Resin Material
Epoxy Resin
(3) Lead Frame
Soldered
Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
190
mW
Ta = 25°C
Forward Current
IF
100
mA
Ta = 25°C
Pulse Forward Current
IFP
500
mA
Ta = 25°C
Reverse Voltage
VR
5
V
Ta = 25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
‡
Pulse Forward Current condition: Duty = 1% and Pulse Width = 10 µs.
‡
Soldering condition: Soldering condition must be completed within 3 seconds at 260°C
Electro-Optical Characteristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 50 mA
1.75
1.95
V
Reverse Current
IR
VR = 5 V
10
uA
Total Radiated Power
PO
IF = 50 mA
13.0
18.0
mW
Radiant Intensity
IE
IF = 50 mA
18
35
mW/sr
Peak Wavelength
λP
IF = 50 mA
750
770
790
nm
Half Width
Δλ
IF = 50 mA
35
nm
Viewing Half Angle
α
IF = 50 mA
±15
deg.
Rise Time
tr
IF = 50 mA
80
ns
Fall Time
tf
IF = 50 mA
80
ns
‡
Total Radiated Power is measured by Photodyne #500
‡
Radiant Intensity is measured by Tektronix J-6512


Similar Part No. - LED770-03AU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7706TR STMICROELECTRONICS-LED7706TR Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
LED7707TR STMICROELECTRONICS-LED7707TR Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
LED7708 STMICROELECTRONICS-LED7708 Datasheet
861Kb / 53P
16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
May 2012 Rev 1
More results

Similar Description - LED770-03AU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
Infrared LED Lamp
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
Infrared LED Lamp
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
INFRARED LAMP LED
LI520C SEOUL-LI520C Datasheet
285Kb / 13P
Infrared LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
Infrared LED Lamp
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
Infrared LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com