Electronic Components Datasheet Search
  English  ▼

X  

LT6118 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6118
Description  Current Sense Amplifier, Reference and Comparator with POR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6118 Datasheet(HTML) 2 Page - Linear Technology

  LT6118_15 Datasheet HTML 1Page - Linear Technology LT6118_15 Datasheet HTML 2Page - Linear Technology LT6118_15 Datasheet HTML 3Page - Linear Technology LT6118_15 Datasheet HTML 4Page - Linear Technology LT6118_15 Datasheet HTML 5Page - Linear Technology LT6118_15 Datasheet HTML 6Page - Linear Technology LT6118_15 Datasheet HTML 7Page - Linear Technology LT6118_15 Datasheet HTML 8Page - Linear Technology LT6118_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6118
2
6118f
For more information www.linear.com/LT6118
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–).................................60V
Maximum Voltage
(SENSELO, SENSEHI, OUTA)............................... V+ + 1V
Maximum V+ – (SENSELO or SENSEHI)....................33V
Maximum LE Voltage................................................60V
Maximum Comparator Input Voltage ........................60V
Maximum Comparator Output Voltage......................60V
Input Current (Note 2)..........................................–10mA
SENSEHI, SENSELO Input Current ....................... ±10mA
Differential SENSEHI or SENSELO Input Current ..±2.5mA
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6118IMS8#PBF
LT6118IMS8#TRPBF
LTGNS
8-Lead Plastic MSOP
–40°C to 85°C
LT6118HMS8#PBF
LT6118HMS8#TRPBF
LTGNS
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
AmplifierOutputShort-CircuitDuration(toV–).. Indefinite
Operating Temperature Range (Note 3)
LT6118I................................................–40°C to 85°C
LT6118H............................................. –40°C to 125°C
Specified Temperature Range (Note 3)
LT6118I................................................–40°C to 85°C
LT6118H............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
MSOP Lead Temperature (Soldering, 10 sec)........300°C
pin conFiguraTion
1
2
3
4
SENSELO
LE
OUTC
V–
8
7
6
5
SENSEHI
V+
OUTA
INC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
θJA = 163°C/W, θJC = 45°C/W
TOP VIEW
SENSEHI
V+
OUTA
INC
SENSELO
LE
OUTC
V–
DCB PACKAGE
8-LEAD (2mm
× 3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
θJA = 64°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS V–, PCB CONNECTION OPTIONAL
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6118IDCB#PBF
LT6118IDCB#TRPBF
LGNT
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 85°C
LT6118HDCB#PBF
LT6118HDCB#TRPBF
LGNT
8-Lead (2mm
× 3mm) Plastic DFN –40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com