Electronic Components Datasheet Search
  English  ▼

X  

LED970-XX Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED970-XX
Description  Infrared LED Lamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED970-XX Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED970-XX Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED970-XX Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18.08.2010
led970_xx.doc
1 of 2
LED970-xx
Infrared LED Lamp
LED970-xx is an GaAs LED mounted on a lead frame and encapsulated in various types
of epoxy lens which offer different design settings.
On forward bias, it emits a high power radiation of typical 8mW with a peak wavelenth at
970nm.
● Specifications
1) Chip material
GaAs
2) Peak wavelength
970nm
3) Package
Clear epoxy resin
4) Lead frame
Soldered
● Absolute Maximum Ratings
Item
Symbol
Maximum Rated
Value
Unit
Ambient
Temperature
Power Dissipation
PD
140
mW
Ta=25°C
Forward Current
IF
100
mA
Ta=25°C
Pulse Forward Current
IFP
1000
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
● Electro-Optical Characteristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.30
1.45
V
Reverse Current
IR
VR=5V
10
uA
Radiated Power
PO
IF=50mA
4.0
8.0
mW
Peak Wavelength
λP
IF=50mA
970
nm
Half Width
∆λ
IF=50mA
55
nm
Rise Time
tr
IF=50mA
1000
ns
Fall Time
tf
IF=50mA
500
ns
Lead (Pb) Free Product – RoHS Compliant


Similar Part No. - LED970-XX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED970-66-60 ROITHNER-LED970-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results

Similar Description - LED970-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
Infrared LED Lamp
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
Infrared LED Lamp
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
INFRARED LAMP LED
LI520C SEOUL-LI520C Datasheet
285Kb / 13P
Infrared LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
Infrared LED Lamp
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
Infrared LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com