Electronic Components Datasheet Search
  English  ▼

X  

1A7 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1A7
Description  1A GENERAL DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1A7 Datasheet(HTML) 1 Page - Leshan Radio Company

  1A7 Datasheet HTML 1Page - Leshan Radio Company 1A7 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
21A–1/2
1A
1A GENERAL DIODES
TYPE
Maximum
Peak Reverse
Voltage
Maximum Average
Rectified Current
@ Half-Wave
Resistive Load 60Hz
Maximum
Forward Peak
Surge Current @
8.3ms Superimposed
Maximum
Reverse
Current @ PRV
@ T
A=25ºC
Maximum
Forward
Voltage
@ T
A=25ºC
Package
Dimensions
1.0
PRV
V PK
I O @ T L
AAV
ºC
I FM (Surge)
A PK
I R
µAdc
I FM
V FM
A PK
V PK
1A1– 1A7
25
25
5.0
1.0
1.1
R – 1
1A1
1A2
1A3
1A4
1A5
1A6
1A7
50
100
200
400
600
800
1000
.787(20.0)
MIN
.126(3.2)
.106(2.7)
.025(0.65)
DIA
.021(0.55)
.787(20.0)
MIN
.102(2.6)
DIA
.091(2.3)
R – 1


Similar Part No. - 1A7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A7 PANJIT-1A7 Datasheet
52Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
1A7 WTE-1A7 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
logo
Zowie Technology Corpor...
1A7 ZOWIE-1A7 Datasheet
45Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1A7 RECTRON-1A7 Datasheet
210Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
1A7 JGD-1A7 Datasheet
140Kb / 2P
1.0 AMP.SILICON RECTIFIERS
More results

Similar Description - 1A7

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1F1 LRC-1F1 Datasheet
51Kb / 2P
1A FAST RECOVERY DIODES
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
1A GENERAL DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
1A GENERAL PURPOSE GPP DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
1A FAST RECOVERY DIODES
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
37Kb / 1P
1A Rectifier Diodes
logo
Shindengen Electric Mfg...
S1NBB80-7062 SHINDENGEN-S1NBB80-7062 Datasheet
728Kb / 5P
Bridge Diodes 800V, 1A
S1NBB80-7101 SHINDENGEN-S1NBB80-7101 Datasheet
707Kb / 5P
Bridge Diodes 800V, 1A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com