Electronic Components Datasheet Search
  English  ▼

X  

1SS400 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1SS400
Description  Switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS400 Datasheet(HTML) 1 Page - Leshan Radio Company

  1SS400 Datasheet HTML 1Page - Leshan Radio Company 1SS400 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
1SS400–1/2
EIAJ : SC - 79
JEDEC : SOD - 523
2
1SS400
2
ANODE
1
CATHODE
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
I FM
225
mA
Mean rectifying current
I O
100
mA
Surge current (1s)
I surge
500
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
– 55 ~ +125
°C
Switching diode
• Applications
High speed switching
• Features
1) Extremely small surface mounting type.
2) High Speed.(trr=1.2ns Typ.)
3) High reliability.
•Construction
Silicon epitaxial planar
1
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
I F=100mA
Reverse current
I R
0.1
µAV
R=80V
Capacitance between terminals
CT
0.72
3.0
pF
VR=0.5V , f=1MHz
Reverse recovery time
trr
4
ns
VR=6V , IF=10mA , RL=100


Similar Part No. - 1SS400

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400 ROHM-1SS400 Datasheet
359Kb / 3P
Switching diode
logo
Weitron Technology
1SS400 WEITRON-1SS400 Datasheet
520Kb / 3P
Surface Mount Switching Diodes
logo
Pan Jit International I...
1SS400 PANJIT-1SS400 Datasheet
140Kb / 4P
SURFACE MOUNT SWITCHING DIODE
logo
TRANSYS Electronics Lim...
1SS400 TEL-1SS400 Datasheet
96Kb / 2P
Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
1SS400 BILIN-1SS400 Datasheet
176Kb / 3P
High speed Switching Diode
Rev.A
More results

Similar Description - 1SS400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com