Electronic Components Datasheet Search
  English  ▼

X  

FMMT591Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591Q
Description  60V PNP MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591Q Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591Q Datasheet HTML 1Page - Diodes Incorporated FMMT591Q Datasheet HTML 2Page - Diodes Incorporated FMMT591Q Datasheet HTML 3Page - Diodes Incorporated FMMT591Q Datasheet HTML 4Page - Diodes Incorporated FMMT591Q Datasheet HTML 5Page - Diodes Incorporated FMMT591Q Datasheet HTML 6Page - Diodes Incorporated FMMT591Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT591Q
Document number: DS37010 Rev. 1 - 2
1 of 7
www.diodes.com
March 2014
© Diodes Incorporated
FMMT591Q
A Product Line of
Diodes Incorporated
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Description
This Bipolar Junction Transistor (BJT) has been designed to meet the
stringent requirements of Automotive Applications.
Features
BVCEO > -60V
IC = -1A High Continuous Collector Current
ICM = -2A Peak Pulse Current
RSAT = 295mΩ for a Low Equivalent On-Resistance
hFE characterized up to -2A for high current gain hold up
Complementary NPN Type: FMMT491Q
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT591QTA
Automotive
591
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
591 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
591


Similar Part No. - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591Q DIODES-FMMT591Q Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FMMT591QTA DIODES-FMMT591QTA Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results

Similar Description - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP25060BFH ZETEX-ZXTP25060BFH Datasheet
388Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP2027F DIODES-ZXTP2027F Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2027F DIODES-ZXTP2027F_15 Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com