Electronic Components Datasheet Search
  English  ▼

X  

CSHDD8-40 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHDD8-40
Description  SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHDD8-40 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHDD8-40 Datasheet HTML 1Page - Central Semiconductor Corp CSHDD8-40 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSHDD8-40
CSHDD8-60
CSHDD8-100
SURFACE MOUNT
SILICON SCHOTTKY RECTIFIER
8 AMP, 40 THRU 100 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSHDD8-40
Series types are Silicon Schottky Rectifiers designed
for surface mount fast switching applications requiring
a low forward voltage drop. To order devices on 24mm
Tape and Reel ( 800/13” Reel ), add TR13 suffix to part
number.
MARKING: FULL PART NUMBER
FEATURES:
• High reliability
• Low forward voltage
• High current capability
• High surge capacity
• UL flammability classification 94V-O
• Superior lot to lot consistency
• Low power loss, high effeciency
• High voltage
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
CSHDD8-40
CSHDD8-60
CSHDD8-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
V
DC Blocking Voltage
VR
40
60
100
V
RMS Reverse Voltage
VR(RMS)
28
42
70
V
Average Forward Current (TC=100°C)
IO
8.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
150
A
Critical Rate of Rise of Reverse Voltage
dv/dt
10,000
V/µs
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Typical Thermal Resistance
ΘJC
2.0
°C/W
Typical Thermal Resistance
ΘJA
50
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
CSHDD8-40
CSHDD8-60
CSHDD8-100
SYMBOL
TEST CONDITIONS
TYP
MAX
TYP
MAX
TYP
MAX
UNITS
IR
VR=Rated VRRM
100
100
100
µA
IR
VR=Rated VRRM, TC=125°C
15
15
15
mA
VF
IF=8.0A
0.65
0.75
0.85
V
VF
IF=8.0A, TC=125°C
0.57
0.65
0.75
V
VF
IF=16A
0.84
0.95
1.10
V
VF
IF=16A, TC=125°C
0.72
0.85
1.00
V
CJ
VR=4.0V, f=1.0MHz
300
300
300
pF
D2PAK CASE
R4 (17-February 2010)
www.centra lsemi.com


Similar Part No. - CSHDD8-40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHDD8-40 CENTRAL-CSHDD8-40 Datasheet
63Kb / 2P
SILICON SCHOTTKY RECTIFIERS SINGLE, 8.0 AMP, 40 THRU 100 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40 Datasheet
546Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
More results

Similar Description - CSHDD8-40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD3-40 CENTRAL-CSHD3-40_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CSHD3-60 CENTRAL-CSHD3-60_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH4-200M364 CENTRAL-CTLSH4-200M364_15 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-45L CENTRAL-CTLSH10-45L Datasheet
655Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CTLSH10-60M856 CENTRAL-CTLSH10-60M856_15 Datasheet
689Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH-4 CENTRAL-CZSH-4_15 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CZSH5-40 CENTRAL-CZSH5-40_15 Datasheet
368Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-20M CENTRAL-CMSH3-20M_15 Datasheet
296Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-40FL CENTRAL-CMSH3-40FL_15 Datasheet
411Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
CMSH3-100MHV CENTRAL-CMSH3-100MHV_15 Datasheet
292Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com