Electronic Components Datasheet Search
  English  ▼

X  

FZT751QTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT751QTC
Description  60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT751QTC Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT751QTC Datasheet HTML 1Page - Diodes Incorporated FZT751QTC Datasheet HTML 2Page - Diodes Incorporated FZT751QTC Datasheet HTML 3Page - Diodes Incorporated FZT751QTC Datasheet HTML 4Page - Diodes Incorporated FZT751QTC Datasheet HTML 5Page - Diodes Incorporated FZT751QTC Datasheet HTML 6Page - Diodes Incorporated FZT751QTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT751Q
Document Number DS36963 Rev. 2 - 2
4 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT751Q
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-80
−
−
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-60
−
−
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
−
−
V
IE = -100µA
Collector Cut-off Current
ICBO
−
<1
-100
nA
VCB = -60V
−
−
-10
µA
VCB = -60V, Tamb = +100°C
Emitter Cut-off Current
IEBO
−
<1
-100
nA
VEB = -4V
Collector-Emitter Saturation Voltage (Note 10)
VCE(sat)
−
-0.15
-0.3
V
IC = -1A, IB = -100mA
−
-0.45
-0.6
IC = -3A, IB = -300mA
Base-Emitter Saturation Voltage (Note 10)
VBE(sat)
−
-0.9
-1.25
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(on)
−
-0.8
-1.0
V
IC = -1A, VCE = -2V
DC Current Gain (Note 10)
hFE
70
200
−
−
IC = -50mA, VCE = -2V
100
200
300
IC = -500mA, VCE = -2V
80
170
−
IC = -1A, VCE = -2V
40
150
−
IC = -2A, VCE = -2V
Current Gain-Bandwidth Product
fT
100
140
−
MHz
VCE = -5V, IC = -100mA
f = 100MHz
Turn-On Time
ton
−
40
−
ns
VCC = -10V, IC = -500mA
IB1 = IB2 = -50mA
Turn-Off Time
toff
−
450
−
ns
Output Capacitance
Cobo
−
−
30
pF
VCB = -10V, f = 1MHz
Note:
10. Measured under pulsed conditions. Pulse width ≤ 300 µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com