Electronic Components Datasheet Search
  English  ▼

X  

MJD31CQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MJD31CQ
Description  100V NPN HIGH VOLTAGE TRANSISTOR IN TO252
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD31CQ Datasheet(HTML) 4 Page - Diodes Incorporated

  MJD31CQ Datasheet HTML 1Page - Diodes Incorporated MJD31CQ Datasheet HTML 2Page - Diodes Incorporated MJD31CQ Datasheet HTML 3Page - Diodes Incorporated MJD31CQ Datasheet HTML 4Page - Diodes Incorporated MJD31CQ Datasheet HTML 5Page - Diodes Incorporated MJD31CQ Datasheet HTML 6Page - Diodes Incorporated MJD31CQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD31CQ
Document number: DS37049 Rev. 1 - 2
4 of 7
www.diodes.com
March 2014
© Diodes Incorporated
MJD31CQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
100
V
IC = 30mA, IB = 0
Collector Cut-off Current
ICEO
1
μA
VCB = 60V, IB = 0
Collector Cut-off Current
ICES
1
μA
VCE = 100V, VEB = 0
Emitter Cut-off Current
IEBO
1
μA
VEB = 5V, IC = 0
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)

1.2
V
IC = 3.0A, IB = 375mA
Base-Emitter Turn-On Voltage (Note 11)
VBE(on)

1.8
V
IC = 3A, VCE = 4V
DC Current Gain (Note 11)
hFE
25
10
50
VCE = 4V, IC = 1A
VCE = 4V, IC = 3A
Current Signal Current Gain
Hfe
20



VCE = 10V, IC = 0.5A, f = 1KHz
Current Gain-Bandwidth Product
fT
3.0


MHz
IC = 500mA, VCE = 10V, f = 1MHz
Note:
11. Measured under pulsed conditions. Pulse width
 300μs. Duty cycle 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Figure 1 Typical DC Current Gain vs. Collector Current
10
100
1,000
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 4V
CE
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Figure 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
I/I = 8
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Figure 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= 4V
CE
1
10
100
1,000
10,000
I , COLLECTOR CURRENT (mA)
C
Figure 4 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.2
0.4
0.6
0.8
1.0
1.2
0
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 8
CB
/I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com