Electronic Components Datasheet Search
  English  ▼

X  

05W18 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 05W18
Description  05W 05WS SERIES ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

05W18 Datasheet(HTML) 2 Page - Leshan Radio Company

  05W18 Datasheet HTML 1Page - Leshan Radio Company 05W18 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
1B–2/2
05W
500mW,DO-35
05WS
400mW,DO-34
NOTE: 05W series is for 500mW,DO-35 package; 05WS series is for 400mW,DO-34 package.
05W 05WS
05W 05WS SERIES ZENER DIODES
TYPE
Electrical Characteristics
Package
Dimensions
Vz ( V )
-1
-2
-3
Min
Max
Min
Max
Min
Max
I R @ V R
(
µA)(V)
Class
@ I Z
mA
R d @ I Z
(W)(mA)
R Z @ I Z
mV / °CmA
DO-34
(mm)
14.1
15.3
16.9
18.8
20.9
22.9
25.2
28.2
31.2
34.2
14.7
15.9
17.7
19.7
21.9
24
26.6
29.6
32.6
35.7
14.5
15.7
17.5
19.5
21.6
23.6
26.2
29.2
32.2
35.3
15.1
16.5
18.3
20.4
22.6
24.7
27.6
30.6
33.6
36.8
14.9
16.3
18.1
20.2
22.3
24.3
27.2
30.2
33.2
36.4
15.5
17.1
19.0
21.1
23.3
25.5
28.6
31.6
34.6
38.0
05W15,05WS15
05W16,05WS16
05W18,05WS18
05W20,05WS20
05W22,05WS22
05W24,05WS24
05W27,05WS27
05W30,05WS30
05W33,05WS33
05W36,05WS36
11
12
13
15
17
19
21
23
25
27
40
45
55
60
65
70
80
100
120
140
11.0
12.0
15.0
16.3
18.6
20.3
24.0
26.0
28.0
31.0
5
2
1
5
2
5
2
DO-35
(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com