Electronic Components Datasheet Search
  English  ▼

X  

SDUD02N25 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SDUD02N25
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDUD02N25 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SDUD02N25 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDUD02N25 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SDU/D02N25
Ver 1.1
www.samhop.com.tw
Jun,07,2012
7
TO-252
0.200
0.400
0.889
5.300
8.900
0.508 REF.
L4
0.500
2.290 REF
b1
6.300
6.731
b
L3
1.397
1.770
L1
A1
2.743 REF.
L2
5.515
4.900
1
2
3
E1
D
E
b2
D1
L3
L4
b1
e
b
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
A
2.100
2.500
MAX
MIN
0.000
0.770
1.140
C
0.400
0.600
D
6.223
D1
E
e
10.400
L
H
1.100
1
0°
7°
REF.
10°
MAX
MIN
MILLIMETERS
INCHES
0.083
0.098
0.000
0.008
0.016
0.035
0.030
0.045
0.016
0.024
0.209
0.245
0.193
0.217
0.248
0.265
0.090 BSC
0.350
0.409
0.055
0.070
0.108 REF.
0.020 REF.
0.020
0.043
0°
7°
REF.
10°
SYMBOLS
E1
4.400
5.004
0.173
0.197
b2
4.800
5.460
0.189
0.215
1.700
0.890
0.035
0.067



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com