Electronic Components Datasheet Search
  English  ▼

X  

SMC770 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMC770
Description  Visible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC770 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMC770 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC770 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.06.2011
SMC770
1 of 2
SMC770
TECHNICAL DATA
Visible LED, SMD
AlGaAs
SMC770 is a AlGaAs LED mounted on a ceramic SMD package and sealed with silicone or epoxy resin for
damp proof. On forward bias, it emits a radiation of typical 10 mW at a peak wavelength of 770 nm.
Specifications
• Structure: AlGaAs
• Peak Wavelength: typ. 770 nm
• Optical Output Power: typ. 10 mW
• Package: Ceramic SMD, silicon/epoxy resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
190
mW
Forward Current
IF
100
mA
Pulse Forward Current**
IFP
500
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
240
°C
* must be completed within 5 seconds
** max duty cycle 1%, max puls width 10µs
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 50 mA
-
1.75
1.95
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Total Radiated Power*
PO
IF = 50 mA
5.0
10.0
-
mW
Radiation Intensity
IE
IF = 50 mA
2.0
5.0
-
mW/sr
Peak Wavelength
λ
P
IF = 50 mA
755
770
785
nm
Half Width
Δλ
IF = 50 mA
-
30
-
nm
Viewing Half Angle
Θ
1/2
IF = 50 mA
-
±55
-
deg.
Rise Time
tR
IF = 50 mA
80
ns
Fall Time
tF
IF = 50 mA
80
ns
* Total Radiated Power is measured by Photodyne #500
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMC770

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC7.0 SUNMATE-SMC7.0 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC7.0A SUNMATE-SMC7.0A Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC7.0C SUNMATE-SMC7.0C Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC7.0CA SUNMATE-SMC7.0CA Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Kemet Corporation
SMC7.3-104J50K33-TR12 KEMET-SMC7.3-104J50K33-TR12 Datasheet
76Kb / 1P
Capacitor, film, 0.1 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results

Similar Description - SMC770

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com