Electronic Components Datasheet Search
  English  ▼

X  

SMT405R Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SMT405R
Description  Visible LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMT405R Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SMT405R Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMT405R Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMT405R Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMT405R Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16.06.2011
SMT405R
1 of 4
SMT405R
TECHNICAL DATA
Visible LED, SMT
InGaN
SMT405R is a InGaN LED mounted on the lead frame as TOP LED package, sealed with UV resistant resin
for damp proof. On forward bias, it emits a radiation of typical 12.5 mW at a peak wavelength of 405 nm.
Specifications
• Structure: InGaN
• Peak Wavelength: typ. 405 nm
• Optical Output Power: typ. 12.5 mW
• Package: PPA resin, UV resistant resin
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
240
mW
Forward Current
IF
50
mA
Pulse Forward Current**
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-20 … +80
°C
Storage Temperature
Tstg
-30 … +80
°C
Soldering Temperature *
Tsol
255
°C
* must be completed within 5 seconds
** max duty cycle 1%, max puls width 10µs
(Unit: mm)
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
IF = 20 mA
-
3.5
4.0
Pulse Forward Voltage
VF
IFP = 100 mA
-
4.9
-
V
IF = 20 mA
6.0
12.5
-
Total Radiated Power
PO
IFP = 100 mA
-
50
-
mW
Radiation Intensity
IE
IF = 20 mA
-
2.6
-
mW/sr
Brightness
IV
IF = 20 mA
-
10
-
mcd
Peak Wavelength
λ
P
IF = 20 mA
395
405
415
nm
Half Width
Δλ
IF = 20 mA
-
15
-
nm
Viewing Half Angle
Θ
1/2
IF = 20 mA
-
±55
-
deg.
Total Radiated Power is measured by S3584-08
Radiated Intensity is measured by Ando Optical Multi Meter AQ2140 & AQ2741
Brigthness is measured by Tektronix J-16
Notes
• Do not view directly into the emitting area of the LED during operation!
• The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - SMT405R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
SMT4004F ETC-SMT4004F Datasheet
480Kb / 23P
Distributed Power Hot-Swap Controller
logo
Artesyn Technologies
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT40C EMERSON-NETWORKPOWER-SMT40C Datasheet
255Kb / 4P
new high density open frame non-isolated converter
logo
Artesyn Technologies
SMT40C-12SADJ-J ARTESYN-SMT40C-12SADJ-J Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT405R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2010A-UG MARKTECH-MT2010A-UG Datasheet
207Kb / 2P
Visible LED
MTE5066N5J MARKTECH-MTE5066N5J Datasheet
655Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
LED420 ROITHNER-LED420 Datasheet
1,018Kb / 8P
Visible LED
LED450 ROITHNER-LED450 Datasheet
1,023Kb / 8P
Visible LED
LED590-03 ROITHNER-LED590-03 Datasheet
160Kb / 3P
Visible LED
logo
Marktech Corporate
MTE6066N1 MARKTECH-MTE6066N1_15 Datasheet
645Kb / 4P
Visible LED
logo
Roithner LaserTechnik G...
SMC565 ROITHNER-SMC565 Datasheet
230Kb / 2P
Visible LED
SMC780 ROITHNER-SMC780 Datasheet
149Kb / 2P
Visible LED
SMT720 ROITHNER-SMT720 Datasheet
304Kb / 4P
Visible LED
logo
Elite Enterprises (H.K....
HT-650 ELITE-HT-650 Datasheet
389Kb / 2P
Visible LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com