Electronic Components Datasheet Search
  English  ▼

X  

UPD780208 Datasheet(PDF) 39 Page - NEC

Part # UPD780208
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780208 Datasheet(HTML) 39 Page - NEC

Back Button UPD780208 Datasheet HTML 35Page - NEC UPD780208 Datasheet HTML 36Page - NEC UPD780208 Datasheet HTML 37Page - NEC UPD780208 Datasheet HTML 38Page - NEC UPD780208 Datasheet HTML 39Page - NEC UPD780208 Datasheet HTML 40Page - NEC UPD780208 Datasheet HTML 41Page - NEC UPD780208 Datasheet HTML 42Page - NEC UPD780208 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
µPD78001B(A), 78002B(A)
39
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY3
VDD = 4.5 to 6.0 V
800
ns
3200
ns
SCK high/low-level width
tKH3
VDD = 4.5 to 6.0 V
tKCY3/2-50
ns
tKL3
tKCY3/2-150
ns
SB0, SB1 setup time
tSIK3
VDD = 4.5 to 6.0 V
100
ns
(to SCK
↑)
300
ns
SB0, SB1 hold time
tKSI3
tKCY3/2
ns
from SCK
↓
SB0, SB1 output delay time
tKSO3
R = 1 k
Ω ,
VDD = 4.5 to 6.0 V
0
250
ns
(from SCK
↑)
C = 100 pF*
0
1000
ns
SB0, SB1
↓ from SCK↑
tKSB
tKCY3
ns
SCK
↓ from SB0, SB1↓
tSBK
tKCY3
ns
SB0, SB1 high-level width
tSBH
tKCY3
ns
SB0, SB1 low-level width
tSBL
tKCY3
ns
(c) SBI mode (SCK... Internal clock output)
*
R and C are the load resistors and load capacitance of the SB0 and SB1 output line.
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
SCK cycle time
tKCY4
VDD = 4.5 to 6.0 V
800
ns
3200
ns
SCK high/low-level width
tKH4
VDD = 4.5 to 6.0 V
400
ns
tKL4
1600
ns
SB0, SB1 setup time
tSIK4
VDD = 4.5 to 6.0 V
100
ns
(to SCK
↑)
300
ns
SB0, SB1 hold time
tKSI4
tKCY4/2ns
(from SCK
↓)
SB0, SB1 output delay time
tKSO4
R = 1 k
Ω ,
VDD = 4.5 to 6.0 V
0
300
ns
from SCK
↑
C = 100 pF*
0
1000
ns
SB0, SB1
↓ from SCK↑
tKSB
tKCY4
ns
SCK
↓ from SB0, SB1↓
tSBK
tKCY4
ns
SB0, SB1 high-level width
tSBH
tKCY4
ns
SB0, SB1 low-level width
tSBL
tKCY4
ns
SCK rise, fall time
When external device expansion
160
ns
function is used
When external device expansion
1000
ns
function is not used
(d) SBI mode (SCK... External clock input)
*
R and C are the load resistors and load capacitance of the SB0 and SB1 output line.
tR4
tF4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com