Electronic Components Datasheet Search
  English  ▼

X  

BB133 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BB133
Description  VHF Variable Capacitance Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BB133 Datasheet(HTML) 1 Page - Leshan Radio Company

  BB133 Datasheet HTML 1Page - Leshan Radio Company BB133 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BB133–1/2
VHF Variable Capacitance
Diode
SOD– 323
1
2
BB133
P3
MARKING DIAGRAM
2
ANODE
1
CATHODE
FEATURES
· Excellent linearity
· Excellent matching to 0.7% DMA
· Very small plastic SMD package
· C28: 2.5 pF; ratio: 16.
· Low series resistance.
APPLICATIONS
· Electronic tuning in VHF television
tuners, band B up to 460 MHz
· VCO.
DESCRIPTION
The BB133 is a variable capacitance
diode fabricated in planar technology, and
encapsulated in the SOD323 very small
plastic SMD package.
The excellent matching performance is
achieved by gliding matching and a direct
matching assembly procedure. The un-
matched type, BB150 has the same
specification.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
–
30
V
IF
continuous forward current
–
20
mA
Tstg
storage temperature
–55
+150
°C
Tj
operating junction temperature
–55
+125
°C
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
IR
reverse current
VR = 30 V; see Fig.2
–
10
nA
VR = 30 V; Tj = 85 °C; see Fig.2
–
200
nA
rs
diode series resistance
f = 100 MHz; note 1
–
0.9
Ω
Cd
diode capacitance
VR = 0.5 V; f = 1 MHz; see Figs 1 and 3
38
46
pF
VR = 28 V;f = 1 MHz; see Figs 1 and 3
2.2
2.6
pF
Cd( 0.5V )
capacitance ratio
f = 1 MHz
14
21
Cd (28V )
capacitance matching
VR = 0.5 to 28 V; in a sequence of 4 diodes
–
0.7
%
∆Cd
(gliding)
Cd
VR= 0.5 to 28 V; in a sequence of 15 diodes
–
2
%
(gliding)
Note
1. VR is the value at which Cd = 30 pF.


Similar Part No. - BB133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB133 PHILIPS-BB133 Datasheet
54Kb / 8P
VHF variable capacitance diode
1998 Sep 15
logo
SHIKUES Electronics
BB133 SKTECHNOLGY-BB133 Datasheet
496Kb / 2P
VHF Variable Capacitance Diode
logo
Leshan Radio Company
BB133T1 LRC-BB133T1 Datasheet
61Kb / 2P
VHF Variable Capacitance Diode
More results

Similar Description - BB133

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com