Electronic Components Datasheet Search
  English  ▼

X  

BB134 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BB134
Description  UHF Variable Capacitance Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BB134 Datasheet(HTML) 1 Page - Leshan Radio Company

  BB134 Datasheet HTML 1Page - Leshan Radio Company BB134 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BB134–1/2
UHF Variable Capacitance
Diode
SOD– 323
1
2
BB134
P4
MARKING DIAGRAM
2
ANODE
1
CATHODE
FEATURES
· Excellent linearity
· Excellent matching to 0.5% DMA
· Very small plastic SMD package
· C28: 1.9 pF; ratio: 10.
· Low series resistance.
APPLICATIONS
· Electronic tuning in UHF television
tuners.
· VCO.
DESCRIPTION
The BB134 is a variable capacitance
diode fabricated in planar technology, and
encapsulated in the SOD323 very small
plastic SMD package.
The excellent matching performance is
achieved by a direct matching assembly
procedure. The unmatched type, BB135
has the same specification.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
–
30
V
IF
continuous forward current
–
20
mA
Tstg
storage temperature
–55
+150
°C
Tj
operating junction temperature
–55
+125
°C
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
IR
reverse current
VR = 30 V; see Fig.2
–
10
nA
VR = 30 V; Tj = 85 °C; see Fig.2
–
200
nA
rs
diode series resistance
f = 470 MHz; note
–
0.75
Ω
Cd
diode capacitance
VR = 0.5 V; f = 1 MHz; see Figs 1 and 3
17.5
21
pF
VR = 28 V;f = 1 MHz; see Figs 1 and 3
1.7
2.1
pF
Cd( 0.5V )
capacitance ratio
f = 1 MHz
8.9
12
Cd (28V )
capacitance matching
VR = 0.5 to 28 V; in a sequence of 4 diodes
–
0.5
%
∆Cd
(gliding)
Cd
VR= 0.5 to 28 V; in a sequence of 15 diodes
–
2
%
(gliding)
Note
1. VR is the value at which Cd = 9 pF.


Similar Part No. - BB134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB134 PHILIPS-BB134 Datasheet
54Kb / 8P
UHF variable capacitance diode
1998 Sep 15
More results

Similar Description - BB134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Sep 20
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Oct 03
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
UHF variable capacitance diode
1996 May 03
BB405B PHILIPS-BB405B Datasheet
30Kb / 4P
UHF variable capacitance diode
1996 May 03
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
UHF variable capacitance diode
Rev. 05-4 October 2004
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
UHF VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com