Electronic Components Datasheet Search
  English  ▼

X  

CMSD6263C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMSD6263C
Description  SILICON SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSD6263C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMSD6263C Datasheet HTML 1Page - Central Semiconductor Corp CMSD6263C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMSD6263
CMSD6263A
CMSD6263C
CMSD6263S
SURFACE MOUNT
SILICON SCHOTTKY DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSD6263 Series
types are High Voltage Silicon Schottky diodes, epoxy
molded in a SUPERmini™ surface mount package,
designed for low current fast switching applications
requiring a low forward voltage drop.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
70
V
Continuous Forward Current
IF
15
mA
Peak Forward Surge Current, tp=1.0s
IFSM
50
mA
Power Dissipation
PD
275
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
o
C
Thermal Resistance
ΘJA
455
o
C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
98
200
nA
BVR
IR=10μA
70
V
VF
IF=1.0mA
395
410
mV
CT
VR=0, f=1.0MHz
2.0
pF
trr
IR=IF=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
CMSD6263:
SINGLE
MARKING CODE: 76D
CMSD6263A: DUAL, COMMON ANODE
MARKING CODE: 98D
CMSD6263C: DUAL, COMMON CATHODE MARKING CODE: 97D
CMSD6263S: DUAL, IN-SERIES
MARKING CODE: 96D
The following configurations are available:
SOT-323 CASE
R3 (8-February 2010)
www.centra lsemi.com


Similar Part No. - CMSD6263C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD6263C CENTRAL-CMSD6263C Datasheet
107Kb / 2P
SUPERmini. SURFACE MOUNT SCHOTTKY DIODES
CMSD6263C CENTRAL-CMSD6263C Datasheet
670Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
More results

Similar Description - CMSD6263C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
Silicon Schottky Diodes
2007-04-19
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com