Electronic Components Datasheet Search
  English  ▼

X  

BB178 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # BB178
Description  VHF variable capacitance diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BB178 Datasheet(HTML) 1 Page - Leshan Radio Company

  BB178 Datasheet HTML 1Page - Leshan Radio Company BB178 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
BB178–1/2
VHF variable capacitance diode
BB 178
2
ANODE
1
CATHODE
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V R
continuous reverse voltage
–
32
V
V RM
peak reverse voltage
in series with a 10 k
Ω resistor
–
35
V
I F
continuous forward current
–
20
mA
T stg
storage temperature
–55
+150
°C
T j
operating junction temperature
–55
+125
°C
ELECTRICAL CHARACTERISTICS T j =25°C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
TYP.
UNIT
I R
reverse current
V R = 30 V; see Fig.2
–
–
10
nA
V R = 30 V; T j =85°C; see Fig.2
–
–
200
nA
r s
diode series resistance
f = 100 MHz;
–
0.65
0.8
Ω
V R is the value at which Cd =30 pF
C d
diode capacitance
V R = 1 V; f = 1 MHz; see Figs 1and 3
34.65
–
42.35
pF
V R = 28 V; f = 1 MHz; see Figs 1and 3
2.361
–
2.754
pF
C d(1V)
capacitance ratio
f = 1 MHz
–
1.3
–
C d(2V)
C d(1V)
capacitance ratio
f = 1 MHz
13.5
–
–
C d(28V)
C d(25V)
capacitance ratio
f = 1 MHz
–
1.08
–
C d(28V)
∆C
d
capacitance matching
V R = 1 to 28 V; in a sequence of 15
––
2
%
C
d
diodes(gliding)
FEATURES
· Excellent linearity
· Excellent matching to 2% DMA
· Ultra small plastic SMD package
· C 28: 2.6 pF; ratio: 15
· Very low series resistance.
APPLICATIONS
· Electronic tuning in VHF television
tuners, band B up to 460 MHz
· Voltage controlled oscillators(VCO).
DESCRIPTION
The BB178 is a planar technology variable
capacitance diode, in a SOD523 (SC-79)
package. The excellent matching perfor-
mance is achieved by gliding matching and
a direct matching assembly procedure.
MARKING CODE:8
1
2
SOD523 SC-79
1
2


Similar Part No. - BB178

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB178 PHILIPS-BB178 Datasheet
49Kb / 8P
VHF variable capacitance diode
1997 Nov 13
logo
Unisonic Technologies
BB178 UTC-BB178 Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB178 NXP-BB178 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Unisonic Technologies
BB178G-CC2-R UTC-BB178G-CC2-R Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
BB178L-CC2-R UTC-BB178L-CC2-R Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
More results

Similar Description - BB178

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com