Electronic Components Datasheet Search
  English  ▼

X  

BB535 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BB535
Description  Silicon Variable Capacitance Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BB535 Datasheet(HTML) 2 Page - Leshan Radio Company

  BB535 Datasheet HTML 1Page - Leshan Radio Company BB535 Datasheet HTML 2Page - Leshan Radio Company BB535 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
S6–2/3
BB 535
20
18
16
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
Diode capacitance
C T = f ( V R ) f = 1MHz
Temperature coefficient of the diodecapacitance
T Cc = f ( V R ) f = 1MHz
Normalized diode capacitance
C (T A) / C (25°C) = f ( T A ), f = 1MHz, V R = Parameter
Reverse current
I R = f ( T A ), V R = 28V
V R ( V )
10 -1
10 -2
10 -3
10 -4
10 -5
10 0
10 1
10 2
V R ( V )
1.06
1.04
1.02
1.00
0.98
0.96
-30
-10
10
30
50
70
90
110
T A ( °C )
10 3
10 2
10 1
10 0
-10
10
30
50
70
90
100
T A ( °C )
1V
2V
25V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com