Electronic Components Datasheet Search
  English  ▼

X  

SP3902 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP3902
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP3902 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP3902 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP3902 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
30
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
b
A
www.samhop.com.tw
Jul,18,2013
1
Details are subject to change without notice.
TA=25°C
W
PD
°C
-55 to 150
TA=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TA=70°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
TA=70°C
W
a
a
49
10
42
2.5
SP3902
Green
Product
8
1.6
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
30V
10A
27
@
VGS=4.5V
17
@
VGS=10V
Suface Mount Package.
Dual N-Channel Enhancement Mode Field Effect Transistor
S 1
G1
S 2
G2
D1
D1
D2
D2
PIN1
PDFN 5x6
Ver 1.1
e


Similar Part No. - SP3902

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP3900 SAMHOP-SP3900 Datasheet
117Kb / 7P
Super high dense cell design for low RDS(ON).
SP3901 SAMHOP-SP3901 Datasheet
117Kb / 7P
Super high dense cell design for low RDS(ON).
SP3903 SAMHOP-SP3903 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP3906 SAMHOP-SP3906 Datasheet
112Kb / 7P
Super high dense cell design for low RDS(ON).
More results

Similar Description - SP3902

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com