Electronic Components Datasheet Search
  English  ▼

X  

SP8005 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP8005
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8005 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP8005 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8005 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
SP8005
Symbol
VDS
VGS
IDM
75
W
A
PD
°C
1.67
-55 to 150
ID
Units
Parameter
20
32
96
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
32A
3.7
@
VGS=4.0V
3.5
@
VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed b
A
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Sep,13,2013
1
Details are subject to change without notice.
a
TA=25°C
TA=70°C
A
TA=70°C
W
Green
Product
ESD Protected.
25.6
1.07
4.3
@
VGS=3.1V
5.0
@
VGS=2.5V
3.9
@
VGS=3.7V
N-Channel Enhancement Mode Field Effect Transistor
TSON 3.3 x 3.3
Pin 1
4
3
2
1
D
D
D
D
G
S
S
5
6
7
8
S
Ver 2.0
d


Similar Part No. - SP8005

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
SIPAT Co,Ltd
SP80001 SIPAT-SP80001 Datasheet
156Kb / 4P
800MHz Low-loss SAW Filter 53MHz Bandwidth
logo
Analogix Semiconductor,...
SP8001 ANALOGIX-SP8001 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
SP8001 ANALOGIX-SP8001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
More results

Similar Description - SP8005

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com