Electronic Components Datasheet Search
  English  ▼

X  

SP8009 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SP8009
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8009 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SP8009 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8009 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8009 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8009 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8009 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8009 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP8009
Ver 1.1
www.samhop.com.tw
Jul.18,2013
4
Total gate charge Qg (nC)
15
12
9
6
3
0
50
40
30
20
10
0
04
8
12
16
20
24
28
32
Ambient temperature Ta (°C )
2.5
2.0
1.5
1.0
0.5
0
0
40
80
120
160
-80
80
40
-40
0
2.5
2.0
1.5
1.0
0.5
0
120
160
Drain-source voltage VDS (V)
100
10
0.1
0
-0.2
-0.4
-0.6
-0.8
-1.0
1
6
IDR
VDS
1000
100
Drain-source voltage VDS (V)
110
100
0.1
10000
Crss
Ciss
Coss
Capacitance
VDS
Vth
Ta
Ambient temperature Ta (°C )
PD
Ta
Dynamic input/output characteristics
VDS=VGS
ID=0.2mA
ID=24A
VDD=24V
VDD=24V
12
6
12
6
-1.2
VGS=0V
1
4.5
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com