Electronic Components Datasheet Search
  English  ▼

X  

SP8076E Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SP8076E
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8076E Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SP8076E Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 7Page - SamHop Microelectronics Corp. SP8076E Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SP8076E
Ver 1.3
www.samhop.com.tw
Oct,22,2013
3
Drain-Source Voltage VDS
(V)
ID - VDS
Gate-Source Voltage VGS (V)
20
16
12
8
4
0
0
0.2
0.4
0.6
0.8
1.0
VGS=2.7V
30
24
18
12
6
0
0
1
2
3
4
5
-55 C
Tj=100 C
25 C
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
I D =27 A
13 .5A
110
100
1
10
100
0.1
V G S =6V
V G S =10V
Drain-Source Voltage VDS
(V)
ID - VDS
ID - VGS
VDS - VGS
Gate-Source Voltage VGS (V)
Drain Current ID (A)
RDS(ON) - ID
3
3.1
3.2
3.3
3.4
4.0
3.5
10
50
40
30
20
10
0
0
0.4
0.8
1.2
1.6
2.0
VGS=2.8V
3.1
3.3
3.4
3.5
4.5
10
2.9
3.6
3.7
3.8
12
10
8
6
4
2
0
-80
80
40
-40
0
120
160
Ambient temperature Ta (°C )
ID = 6.8, 13.5, 27A
VGS=10V
VGS=6V
RDS(ON) - Ta
ID = 6.8, 13.5, 27A
4.5
6. 8A
3.6
3.9
4.0
4.2
3.0
5.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com