Electronic Components Datasheet Search
  English  ▼

X  

LT6202 Datasheet(PDF) 21 Page - Linear Technology

Part # LT6202
Description  Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6202 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT6202_15 Datasheet HTML 17Page - Linear Technology LT6202_15 Datasheet HTML 18Page - Linear Technology LT6202_15 Datasheet HTML 19Page - Linear Technology LT6202_15 Datasheet HTML 20Page - Linear Technology LT6202_15 Datasheet HTML 21Page - Linear Technology LT6202_15 Datasheet HTML 22Page - Linear Technology LT6202_15 Datasheet HTML 23Page - Linear Technology LT6202_15 Datasheet HTML 24Page - Linear Technology LT6202_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT6202/LT6203/LT6204
21
620234fd
TYPICAL APPLICATIONS
Single-Supply 16-Bit ADC Driver
Figure 5 shows the LT6203 driving an LTC1864 unipolar
16-bit A/D converter. The bottom half of the LT6203 is
in a gain-of-one configuration and buffers the 0V nega-
tive full-scale signal VLOW into the negative input of the
LTC1864. The top half of the LT6203 is in a gain-of-ten
configuration referenced to the buffered voltage VLOW and
drives the positive input of the LTC1864. The input range
of the LTC1864 is 0V to 5V, but for best results the input
range of VIN should be from VLOW (about 0.4V) to about
0.82V. Figure 6 shows an FFT obtained with a 10.1318kHz
coherent input waveform, from 8192 samples with no
windowing or averaging. Spurious free dynamic range is
seen to be about 100dB.
Although the LTC1864 has a sample rate far below the
gain bandwidth of the LT6203, using this amplifier is not
necessarilyacaseofoverkill.Thedesignerisremindedthat
A/D converters have sample apertures that are vanishingly
small (ideally, infinitesimally small) and make demands on
the upstream circuitry far in excess of what is implied by
theinnocent-lookingsamplerate.Inaddition,whenanA/D
converter takes a sample, it applies a small capacitor to
its inputs with a fair amount of glitch energy and expects
the voltage on the capacitor to settle to the true value very
quickly. Finally, the LTC1864 has a 20MHz analog input
bandwidthandcanbeusedinundersamplingapplications,
again requiring a source bandwidth higher than Nyquist.
–
+
–
+
–
+
LTC1864
16-BIT
250ksps
5V
SERIAL
DATA
OUT
C1
470pF
R3
100
R4
100
R1
1k
R2
110
VIN = 0.6VDC
±200mVAC
VLOW = 0.4VDC
1/2 LT6203
1/2 LT6203
LT6202/03/04 F05
Figure 5. Single-Supply 16-Bit ADC Driver
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
37.5
62.5
100
LT6202/03/04 F06
12.5 25
50
75 82.5
112.5 125
fS = 250ksps
fIN = 10.131836kHz
Figure 6. FFT Showing 100dB SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com