Electronic Components Datasheet Search
  English  ▼

X  

BC858CLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BC858CLT1
Description  General Purpose Transistors(PNP Silicon)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC858CLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  BC858CLT1 Datasheet HTML 1Page - Leshan Radio Company BC858CLT1 Datasheet HTML 2Page - Leshan Radio Company BC858CLT1 Datasheet HTML 3Page - Leshan Radio Company BC858CLT1 Datasheet HTML 4Page - Leshan Radio Company BC858CLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
M5–2/5
BC856ALT1, BLT1 BC857ALT1, BLT1 BC858ALT1, BLT1, CLT1
ELECTRICAL CHARACTERISTICS(T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
BC856A, BC857A, BC858A
h FE
—90
—
—
(I C = –10
µA, V
CE = –5.0 V)
BC856B, BC857B, BC858B
—
150
—
BC858C,
—
270
—
(I C = –2.0 mA, V CE = –5.0 V)
BC856A, BC857A, BC858A
125
180
250
BC856B, BC857B, BC858B
220
290
475
BC858C
420
520
800
Collector–Emitter Saturation Voltage (I C = –10 mA, I B = – 0.5 mA)
V CE(sat)
—
—
– 0.3
V
Collector–Emitter Saturation Voltage (I C = –100 mA, I B = – 5.0 mA)
—
—
– 0.65
Base–Emitter Saturation Voltage (I C = –10 mA, I B = –0.5 mA)
V BE(sat)
—
– 0.7
—
V
Base–Emitter Saturation Voltage (I C = –100 mA, I B = –5.0 mA)
—
– 0.9
—
Base–Emitter on Voltage (I C = –2.0 mA, V CE = –5.0 V)
V BE(on)
– 0.6
—
– 0.75
V
Base–Emitter Voltage (I C = –10 mA, V CE = –5.0 V)
—
—
– 0.82
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
—
—
MHz
(I C = – 10 mA, V CE = – 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = – 10 V, f = 1.0 MHz)
C ob
—
—
4.5
pF
Noise Figure
NF
––
––
10
dB
(I C= – 0.2 mA,V CE= – 5.0 Vdc, R S= 2.0 k
Ω, f =1.0 kHz, BW= 200 Hz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com