Electronic Components Datasheet Search
  English  ▼

X  

STBP438A Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STBP438A
Description  Super high dense cell design for extremely low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP438A Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP438A Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP438A Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
1
V
6.8
gFS
69
S
VSD
CISS
1540
pF
COSS
248
pF
CRSS
180
pF
Qg
28
nC
31
nC
Qgs
62
nC
Qgd
36
tD(ON)
26.5
ns
tr
2.8
ns
tD(OFF)
7.8
ns
tf
ns
Gate-Drain Charge
VDS=20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=1A
VGS=10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=20V,ID=25A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=30A
VDS=10V , ID=30A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
A
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=26A
8.5
8.1
11
m ohm
c
f=1.0MHz
c
VDS=20V,ID=25A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=2A
0.77
1.3
V
Notes
STB/P438A
www.samhop.com.tw
Aug,02,2010
2
1.8
nC
12.5
VDS=20V,ID=25A,VGS=4.5V
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,VDD=20V,L=0.5mH.(See Figure13)
_
_
Ver 1.0
_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com