Electronic Components Datasheet Search
  English  ▼

X  

STBP454 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STBP454
Description  Super high dense cell design for extremely low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP454 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP454 Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP454 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
1
V
3.6
gFS
111
S
VSD
CISS
3750
pF
COSS
590
pF
CRSS
500
pF
Qg
70
nC
103
nC
Qgs
170
nC
Qgd
75
tD(ON)
67
ns
tr
5.2
ns
tD(OFF)
22
ns
tf
ns
Gate-Drain Charge
VDS=20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=20V,ID=25A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=40A
VDS=20V , ID=40A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
4.8
b
f=1.0MHz
b
VDS=20V,ID=25A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=10A
0.79
1.3
V
Notes
STB/P454
www.samhop.com.tw
May,17,2013
2
2
a.Drain current limited by maximum junction temperature.
b.Guaranteed by design, not subject to production testing.
c.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)
VGS=4.5V , ID=31A
5.3
m ohm
7.2
nC
33
VDS=20V,ID=25A,VGS=4.5V
Ver 1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com