Electronic Components Datasheet Search
  English  ▼

X  

FMMT458TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT458TA
Description  400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT458TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT458TA Datasheet HTML 1Page - Diodes Incorporated FMMT458TA Datasheet HTML 2Page - Diodes Incorporated FMMT458TA Datasheet HTML 3Page - Diodes Incorporated FMMT458TA Datasheet HTML 4Page - Diodes Incorporated FMMT458TA Datasheet HTML 5Page - Diodes Incorporated FMMT458TA Datasheet HTML 6Page - Diodes Incorporated FMMT458TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT458
Document number: DS33088 Rev. 6 - 2
1 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FMMT458
A Product Line of
Diodes Incorporated
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Features
•
BVCEO > 400V
•
IC = 225mA high Continuous Collector Current
•
ICM = 1A Peak Pulse Current
•
500mW Power Dissipation
•
Excellent hFE Characteristics Up To 100mA
•
Complementary PNP Type: FMMT558
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
•
PPAP capable (Note 4)
Mechanical Data
•
Case: SOT23
•
UL Flammability Rating 94V-0
•
Case material: Molded Plastic. “Green” Molding Compound.
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
•
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT458TA
AEC-Q101
458
7
8
3,000
FMMT458QTA
Automotive
458
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
458 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
e3


Similar Part No. - FMMT458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT458TA DIODES-FMMT458TA Datasheet
492Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
More results

Similar Description - FMMT458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT458TA DIODES-FMMT458TA Datasheet
429Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 6
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 5
FMMT558TC DIODES-FMMT558TC Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
FMMT459 DIODES-FMMT459_15 Datasheet
300Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 5
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FMMT416 DIODES-FMMT416 Datasheet
634Kb / 5P
NPN HIGH VOLTAGE AVALANCHE TRANSISTOR IN SOT23
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com