Electronic Components Datasheet Search
  English  ▼

X  

BCX70GLT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # BCX70GLT1
Description  General Purpose Transistors(NPN Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX70GLT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  BCX70GLT1 Datasheet HTML 1Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 2Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 3Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 4Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 5Page - Leshan Radio Company BCX70GLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M16–4/6
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
V
CE , COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 10. Collector Characteristics
I
C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltages
θ
VB for V BE
∗ θ
VC for V CE(sat)
V
BE(on)@ V CE= 1.0 V
V
CE(sat) @ I C /I B = 10
V
BE(sat) @ I C /I B = 10
T
J = 25°C
I
C= 1.0 mA
50 mA
100 mA
10 mA
T
J = 25°C
*APPLIES for I
C / I B< h FE / 2
T
A = 25°C
PULSE WIDTH =300
µs
DUTY CYCLE<2.0%
I
B= 500 µA
100
µA
200
µA
300
µA
400
µA
–55°C to 25°C
–55°C to 25°C
25°C to 125°C
25°C to 125°C
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.6
0.8
0
–0.8
–1.6
–2.4
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
0.8
0.6
0.4
0.2
0
0.002 0.0050.010.02
0.05 0.1 0.2
0.5 1.0 2.0
5.0
10
20
100
80
60
40
20
0
0
5.0
10
15
20
25
30
35
40
TYPICAL STATIC CHARACTERISTICS
400
200
100
80
60
40
0.0040.006 0.01
0.02 0.03
0.05 0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
100
I
C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
V CE= 1.0 V
V CE= 10 V
T
J = 125°C
25°C
– 55°C
BCX70GLT1
BCX70JLT1
BCX70KLT1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com