Electronic Components Datasheet Search
  English  ▼

X  

STF2454 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STF2454
Description  Super high dense cell design for low RDS(ON).
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STF2454 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STF2454 Datasheet HTML 1Page - SamHop Microelectronics Corp. STF2454 Datasheet HTML 2Page - SamHop Microelectronics Corp. STF2454 Datasheet HTML 3Page - SamHop Microelectronics Corp. STF2454 Datasheet HTML 4Page - SamHop Microelectronics Corp. STF2454 Datasheet HTML 5Page - SamHop Microelectronics Corp. STF2454 Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
24
V
1
IGSS
±10
uA
VGS(th)
0.5
V
m ohm
VGS=4.5V , ID=4.0A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=1.0mA
VDS=20V , VGS=0V
VGS=±12V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V,ID=250uA
ON CHARACTERISTICS
STF2454
Ver 2.0
0.8
1.5
gFS
33
S
CISS
380
pF
COSS
180
pF
CRSS
67
pF
Qg
80
nC
435
nC
Qgs
1150
nC
Qgd
725
tD(ON)
13
ns
tr
2
ns
tD(OFF)
6.9
ns
tf
ns
Gate-Drain Charge
VDS=10V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=20V
ID=4.0A
VGS=4.0V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=10V , ID=4.0A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Reverse Transfer Capacitance
VGS=4.0V , ID=4.0A
m ohm
c
f=1.0MHz
c
VDS=20V,ID=8.0A,
VGS=4.0V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VSD
Diode Forward Voltage
VGS=0V,IS=8.0A
0.86
1.2
V
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
_
_
www.samhop.com.tw
Apr,15,2011
2
_
11.0
14.0
11.3
14.3
VGS=3.7V , ID=4.0A
m ohm
VGS=2.5V , ID=4.0A
m ohm
14.5
20.0
9.0
9.3
12.5
VGS=3.1V , ID=4.0A
m ohm
12.5
16.5
10.0
11.5
14.5
9.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com